Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 31Page - STMicroelectronics L9912L Datasheet HTML 32Page - STMicroelectronics L9912L Datasheet HTML 33Page - STMicroelectronics L9912L Datasheet HTML 34Page - STMicroelectronics L9912L Datasheet HTML 35Page - STMicroelectronics L9912L Datasheet HTML 36Page - STMicroelectronics L9912L Datasheet HTML 37Page - STMicroelectronics L9912L Datasheet HTML 38Page - STMicroelectronics L9912L Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
DocID029641 Rev 2
35/84
L9912L
Electrical specifications
83
Figure 15. Fault indicator lamp drive in alarm condition and key engaged
Table 23. Electrical characteristics pin "L"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VLsat
Lamp driver
saturation
voltage
Lamp drive mode
I(L) = 0.3 A (1)
--
0.5
V
2VLRVC,fault
RVC protocol
alarm voltage
RVC drive mode
I(L) = 10 mA (1)
--
1.0
V
3VLKey_chk
Lamp driver
threshold
voltage to check
key presence
Lamp drive mode
I(L) = 250 mA
-1.0
-
V
4ILpulldw,weak
Weak pull-down
current
Reg(0x09.4) = b0
Reg(0x09.7) = b1
I(L)<0 @ V(L) = 0.7 V
ILpulldw,weak = -ILpullup + I(L)
-50
-
μA
5ILpulldw
Pull-down
current (total)
Reg(0x09.4) = b0
Reg(0x09.7) = b0
I(L)>0 @ V(L) = 0.7 V
ILpulldw=ILpulldw,weak + ILpulldw,strong=
=-ILpullup + I(L)
-1
-
mA
6ILpullup(1)
Pull-up current
Active mode
Reg(0x09.5) = b0
ILpullup = I(L)<0 @ V(L) = V(GND)
Current from HS driver injected into L pin
--150
-
μA
7tchk,to
Key presence
check time-out
window
Lamp drive mode
digital window time-out
--
1
ms
8tchk
Key presence
check time
window
Key switch engaged
Analogue time
I(L) = +250 mA
-45
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com