Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 58Page - STMicroelectronics L9912L Datasheet HTML 59Page - STMicroelectronics L9912L Datasheet HTML 60Page - STMicroelectronics L9912L Datasheet HTML 61Page - STMicroelectronics L9912L Datasheet HTML 62Page - STMicroelectronics L9912L Datasheet HTML 63Page - STMicroelectronics L9912L Datasheet HTML 64Page - STMicroelectronics L9912L Datasheet HTML 65Page - STMicroelectronics L9912L Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
SPI interface
L9912L
62/84
DocID029641 Rev 2
13.4.2
Register write operation
The transmit/receive 24 bits message pair of a register write operation is composed as
follows:
Parity
The parity bit is computed to give an odd number of bit set to 1 in the 24 bits message.
Lock/Unlock
Some registers are write protected in order to prevent writing of undesired data; to write
such registers it is necessary to unlock them by writing the corresponding unlock bit in
register 0x01.
After unlock the protected register it must be immediately written! Any read/write access to
any register resets the lock status.
13.4.3
GSW: global status word
At any read or write access, the first 9 upper bits of the returned 24 bits frame contain the
Global Status Word that summarizes some status bits:
Table 43. Register write operation
SPI TX message (MOSI)
SPI RX message (MISO)
Bit
Description
Bit
Description
23
1 (Write cmd)
23-15
GSW
22-18
Write Register ID
14
Parity
17-15
0 - Reserved
13-0
Previous register content
14
Parity (odd)
-
-
13-0
Data to write
-
-
Table 44. GSW: global status word
GSW
Bit
Frame
Bit
Register name
Reset
value
Description
8
23
PREV_SPI_FAILED
0
Prev. SPI Frame Discarded
7
22
LIN_EVENT
0
LIN event occurrence (LIN_PERM_DOM |
LIN_TXD_DOM | LIN_PERM_REC)
6
21
EXC_OC
0
Excitation overcurrent (EXTP_OC)
520
L/LHC_OC
0
L or LHC overcurrent (L_LS_OC or
L_HS_OC or LHC_LS_OC or
LHC_HS_OC)
4
19
DFM_PHASE_OUT_OC
0
DFM or phase out overcurrent (DFM_OC |
PHO_OC)
3
18
CP_LOW
0
Charge pump low (CP_LOW)
2
17
KEY_GEN
0
L_key OR LHC_key OR IGNT_KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com