Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 43Page - STMicroelectronics L9912L Datasheet HTML 44Page - STMicroelectronics L9912L Datasheet HTML 45Page - STMicroelectronics L9912L Datasheet HTML 46Page - STMicroelectronics L9912L Datasheet HTML 47Page - STMicroelectronics L9912L Datasheet HTML 48Page - STMicroelectronics L9912L Datasheet HTML 49Page - STMicroelectronics L9912L Datasheet HTML 50Page - STMicroelectronics L9912L Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
DocID029641 Rev 2
47/84
L9912L
Warning, alarms and faults
83
6
Warning, alarms and faults
As general approach, the device provides embedded and automatic safety checks: in this
way any critical condition is automatically managed by hardware without the need of the
application software that has the task to signal the event and to apply, if possible, the proper
restore procedure or to keep the system in a safe status.
6.1
System error flags
The following events, signaled in SPI read register 0x12 [13.4.5] are foreseen:
Table 33. System error flags
Bit
Description
Action
EXTP_OC
Excitation overcurrent [5.3.10]
HW and SW
This flag has an effect also on CP_LOW bit
THSD
Overtemperature
None
PHO_OC
Phase out overcurrent [5.3.18]
HW and SW
CP_LOW
Charge pump low voltage [5.3.19]
HW and SW
APLUS_OV
Battery overvoltage [5.3.1]
HW and SW
APLUS_UV
Battery undervoltage [5.3.1]
None
LIN_PERM_DOM LIN Permanent Dominant
HW and SW
LIN_TXD_DOM
LIN Dominant TXD
HW and SW
LIN_PERM_REC LIN Permanent Recessive
HW and SW
DFM_OC
DFM overcurrent [5.3.6]
HW and SW
L_HS_OC
L High-side overcurrent [5.3.13]
HW and SW
L_LS_OC
L Low-side overcurrent [5.3.15]
HW and SW
LHC_HS_OC
LHC High-side overcurrent [5.3.15]
HW and SW
LHC_LS_OC
LHC Low-side overcurrent [5.3.15]
HW and SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com