Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 163 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 159Page - STMicroelectronics SPSB100 Datasheet HTML 160Page - STMicroelectronics SPSB100 Datasheet HTML 161Page - STMicroelectronics SPSB100 Datasheet HTML 162Page - STMicroelectronics SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 213 page
background image
9.7
Status registers
Table 209. DSR1 (0x21) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
RES
FORCED_SLEEP_WDFAIL
BUCK3_OC
BUCK3_OV
BUCK3_UV
BUCK3_PG_TIMEOUT
BUCK2_OC
Reserved Reserved
Device enters in DEEP-
SLEEP state after 15 WD fail
bit
BUCK3
overcurrent
bit
BUCK3
overvoltage
bit
BUCK3
undervoltage
bit
BUCK3 power-good
timeout bit
BUCK2
overcurrent
bit
Table 210. DSR1 (0x21) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
FORCED_SLEEP_WDFAIL
1: state machine reaches DEEP-SLEEP after 15 watchdog fails
0: No transition to DEEP-SLEEP due to 15 consecutive watchdog fails
20
BUCK3_OC
1: BUCK3 overcurrent detected
0: No error
19
BUCK3_OV
1: BUCK3 overvoltage detected
0: No error
18
BUCK3_UV
1: BUCK3 undervoltage detected
0: No error
17
BUCK3_PG_TIMEOUT
BUCK3 power-good time out during power-up sequence
1: Indicates that the power-good is not reached at the end of timeout
Bit is latched until a “read and clear” command
16
BUCK2_OC
1: BUCK2 overcurrent detected
0: No error
Table 211. DSR1 (0x21)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
BUCK2_OV
BUCK2_UV
BUCK2_PG_TIMEOUT
BUCK1_OC
BUCK1_OV
BUCK1_UV
BUCK1_PG_TIMEOUT
LDO2_PG_TIMEOUT
BUCK2
overvoltage bit
BUCK2
undervoltage bit
BUCK2 power-good
timeout bit
BUCK1
overcurrent bit
BUCK1
overvoltage bit
BUCK1
undervoltage bit
BUCK1 power-good
timeout bit
LDO2 power-good
timeout bit
Table 212. DSR1 (0x21) description
Bit
Name
Description
15
BUCK2_OV
1: BUCK2 overvoltage detected
0: No error
14
BUCK2_UV
1: BUCK2 undervoltage detected
0: No error
13
BUCK2_PG_TIMEOUT
BUCK2 power-good time out during power-up sequence
1: Indicates that the power-good is not reached at the end of timeout
Bit is latched until a “read and clear” command
12
BUCK1_OC
1: BUCK1 overcurrent detected
SPSB100
SPI registers
DS14640 - Rev 2
page 163/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com