Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 167 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 213 page
background image
Bit
Name
Description
1: Indicates that an internal occurs on BUCK2
Bit is latched until a “read and clear” command
19
BUCK1_INT_FAIL
BUCK1 internal fail that may be caused by LDO_BUCK1_OV or LDO_BUCK1_UV
1: Indicates that an internal occurs on buck1
Bit is latched until a “read and clear” command
18
LBIST_ERROR_1
1: The logic BIST2 reported an error
17
LBIST_ERROR_0
1: The logic BIST1 reported an error
16
ABIST_ERROR
1: The analog BIST reported an error
Table 223. DSR3 (0x23)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
CURRENT_MISMATCH
FORCED_SLEEP_TSD
FCCUFAIL
WDFAIL
INT_REG_UV
INT_REG_OV
NVM_COMP_ERROR
NVM_CRC_ERROR
Current mismatch bit
Forced sleep after TSD event
bit
FCCU fail bit
Watchdog fail
bit
Interrupt regulator
undervoltage bit
Interrupt regulator
overvoltage bit
NVM compare error bit
NVM CRC error bit
Table 224. DSR3 (0x23) description
Bit
Name
Description
15 CURRENT_MISMATCH 1: A current mismatch occurs between main and monitoring currents
14 FORCED_SLEEP_TSD 1: state machine reaches DEEP-SLEEP after 3 TSD events
13
FCCUFAIL
FCCU fault detection
1: A fault has been detected by the FCCU monitor bit is latched until a "Read and clear"
command
12
WDFAIL
A WD trig fail event occurred
Bit is latched until a "Read and clear" command
Note that after 15 consecutive WD trig faults the device reach DEEP-SLEEP state where
WDFAIL_CNT is cleared, while WDFAIL bit is kept at 1
11
INT_REG_UV
Internal regulator undervoltage
1: Indicates an internal regulator under voltage occurs on 3V3
This bit is latched until a “read and clear” command
10
INT_REG_OV
Internal regulator overvoltage
1: Indicates an internal regulator over voltage occurs on 3V3
This bit is latched until a “read and clear” command
9
NVM_COMP_ERROR
Indicates an error between NVM and mirror register
8
NVM_CRC_ERROR
Indicates a NVM CRC error at NVM download
Table 225. DSR3 (0x33) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
GNDLOSS
OSC_ERROR
SPI_REG_COMP_ERROR
FSM_COMP_ERROR
CRC3
CRC2
CRC1
CRC0
Ground Loss
detection bit
Oscillators error
bit
SPI registers compare error
bit
Finite state machine
compares error bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
SPSB100
SPI registers
DS14640 - Rev 2
page 167/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com