Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 165 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 161Page - STMicroelectronics SPSB100 Datasheet HTML 162Page - STMicroelectronics SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 213 page
background image
Table 216. DSR2 (0x22) MSB description
Bit
Name
Description
23
RES
Reserved
22
OUTHS_OL
Open-load
1: Indicates an open-load condition was detected at OUTHS output
Bit is latched until a “read and clear” command
21
OUTHS_OC
Overcurrent
1: Indicates an overcurrent condition was detected at OUTHS output
Bit is latched until a “read and clear” command
20
BOOST_IN_LP
Boost switched on in low power mode
1: Occurred
19
BYPASS_VDSMON_ERROR
BYPASS Vds monitoring error
1: Error is detected
0: No error reported
18
BOOST_VDSMON_ERROR
BOOST Vds monitoring error
1: Error is detected
0: No error reported
17
FBB_OV
FBB overvoltage
1: Indicates the voltage at FBB increased above the FBB overvoltage threshold
In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ
Bit is latched until a “read and clear” command
16
FBB_UV
FBB under voltage
1: Indicates the voltage at FBB decreased below the FBB undervoltage threshold
In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ
Bit is latched until a “read and clear” command
Table 217. DSR2 (0x22)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
IRQ_ECHO_ERROR
FCCU_ENA_ECHO_ERROR
NFSO1_ECHO_ERROR
WD_ENA_ECHO_ERROR
NRST_ECHO_ERROR
VIO_UV
TSD_CL4
TSD_CL3
Interrupt echo error bit
FCCU enable echo error bit
NFSO1 echo error bit
Watchdog enable echo error bit
NRESET echo error bit
VIO undervoltage
bit
Thermal shutdown
of cluster 4 bit
Thermal shutdown
of cluster 3 bit
Table 218. DSR2 (0x22) description
Bit
Name
Description
15
IRQ_ECHO_ERROR
IRQ asserted but still high
1: Still high when asserted low
14 FCCU_ENA_ECHO_ERROR
1: The FCCU_ENA echo monitor reported an error
0: No error reported
13
NFSO1_ECHO_ERROR
1: The NFSO1 echo monitor reported an error
0: No error reported
12
WD_ENA_ECHO_ERROR
1: The WD_ENA echo monitor reported an error
0: No error reported
11
NRST_ECHO_ERROR
1: NRESET input high while NRESET output (expected) low after filter
0: No error
SPSB100
SPI registers
DS14640 - Rev 2
page 165/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com