Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 23 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 19Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 20Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 21Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 22Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 23Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 24Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 25Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 26Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 129 page
background image
7.3.2.1.1 1000Mb SFD Variation in Master Mode
When the DP83867 is operating in 1000Mb master mode, variation of the RX_SFD pulse can be estimated using
the Skew FIFO Status register (register address 0x0055) bit[7:4]. The value read from the Skew FIFO Status
register bit[7:4] must be multiplied by 8ns to estimate the RX_SFD variation added to the baseline latency.
Example: While operating in master 1000Mb mode, a value of 0x2 is read from the Skew FIFO register bit[7:4].
2 × 8ns = 16ns is subtracted from the TX_SFD to RX_SFD measurement to determine the baseline latency.
7.3.2.1.2 1000Mb SFD Variation in Slave Mode
When the DP83867 is operating in 1000Mb slave mode, the variation of the RX_SFD pulse can be determined
using the Skew FIFO Status register (register address 0x0055) bit[3:0].The value read from the Skew FIFO
Status register bit[3:0] can be multiplied by 8ns to estimate the RX_SFD variation added to the baseline latency.
Example: While operating in slave 1000Mb mode, a value of 0x1 is read from the Skew FIFO register bit[3:0].
1 × 8ns = 8ns is subtracted from the TX_SFD to RX_SFD measurement to determine the baseline latency.
7.3.2.1.3 100Mb SFD Variation
The latency variation in 100Mb mode of operation is determined by random process and does not require any
register readout or system level compensation of SFD pulses.
7.3.3 Clock Output
The DP83867 has several internal clocks, including the local reference clock, the Ethernet transmit clock, and
the Ethernet receive clock. An external crystal or oscillator provides the stimulus for the local reference clock.
The local reference clock acts as the central source for all clocking in the device.
The local reference clock is embedded into the transmit network packet traffic and is recovered from the network
packet traffic at the receiver node. The receive clock is recovered from the received Ethernet packet data stream
and is locked to the transmit clock in the partner.
Using the I/O Configuration register (address 0x0170), the DP83867 can be configured to output these internal
clocks through the CLK_OUT pin. By default, the output clock is synchronous to the XI oscillator / crystal input.
The default output clock is suitable for use as the reference clock of another DP83867 device. Through registers,
the output clock can be configured to be synchronous to the receive data at the 125MHz data rate or at the
divide by 5 rate of 25MHz. It can also be configured to output the line driver transmit clock. When operating in
1000Base-T mode, the output clock can be configured for any of the four transmit or receive channels.
The output clock can be disabled using the CLK_O_DISABLE bit of the I/O Configuration register.
7.4 Device Functional Modes
7.4.1 MAC Interfaces
The DP83867 supports connection to an Ethernet MAC through the following interfaces: SGMII and RGMII.
The SGMII Enable (LED_0) strap allows the user to turn the SGMII MAC interface on or off. The SGMII Enable
strap corresponds to the SGMII Enable (bit 11) in the PHYCR register (address 0x0010).
The SGMII enable has higher priority than the RGMII enable. Table 7-1 is the configuration table for the MAC
interfaces:
Table 7-1. Configuration Table for the MAC Interfaces
SGMII ENABLE (REGISTER 0x0010, BIT
11)
RGMII ENABLE (REGISTER 0x0032, BIT 7)
DEVICE FUNCTIONAL MODE
0x1
0x1
SGMII
0x1
0x0
SGMII
0x0
0x1
RGMII
The initial strap values for the SGMII enable and the RGMII disable are also available in the Strap Configuration
Status Register 1 (STRAP_STS1).
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com