Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 31 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 27Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 28Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 29Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 30Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 31Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 32Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 33Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 34Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 129 page
background image
Instruction
Example: Read register 0x0170 & 0x0171
1. Write the value 0x001F (address function field = 00, DEVAD = 31)
to register REGCR.
Write register 0x0D to value 0x001F
2. Write the desired register address to register ADDAR.
Write register 0x0E to value 0x0170
3. Write the value 0x801F (data, post increment on reads and writes
function field = 10, DEVAD = 31) to register REGCR.
Write register 0x0D to value 0x801F
4. Read the content of the desired extended register set register to
register ADDAR.
Read register 0x0E
5. Subsequent reads to register ADDAR (step 4) reads the next
higher addressed data register selected by the value of the address
register; the address register is incremented after each access.
Read register 0x0E
Step 4 Reads register 0x0170 and because post increment is enabled, Step 5 reads register 0x0171.
7.4.2.1.7 Example of Read Operation Using Indirect Register Access
Read register 0x0170.
1. Write register 0x0D to value 0x001F.
2. Write register 0x0E to value 0x0170
3. Write register 0x0D to value 0x401F.
4. Read register 0x0E.
The expected default value is 0x0C10.
7.4.2.1.8 Example of Write Operation Using Indirect Register Access
Write register 0x0170 to value 0x0C50.
1. Write register 0x0D to value 0x001F.
2. Write register 0x0E to value 0x0170
3. Write register 0x0D to value 0x401F.
4. Write register 0x0E to value 0x0C50.
This write disables the output clock on the CLK_OUT pin.
7.4.3 Auto-Negotiation
All 1000BASE-T PHYs are required to support Auto-Negotiation. The Auto-Negotiation function in 1000BASE-T
has three primary purposes:
• Auto-Negotiation of Speed and Duplex Selection
• Auto-Negotiation of Master or Slave Resolution
• Auto-Negotiation of Pause or Asymetrical Pause Resolution
7.4.3.1 Speed and Duplex Selection - Priority Resolution
The Auto-Negotiation function provides a mechanism for exchanging configuration information between the two
ends of a link segment. This mechanism is implemented by exchanging Fast Link Pulses (FLP). FLPs are burst
pulses that provide the signalling used to communicate the abilities between two devices at each end of a link
segment. For further details regarding Auto-Negotiation, refer to Clause 28 of the IEEE 802.3 specification. The
DP83867 supports 100BASE-TX and 1000BASE-T modes of operation. The process of Auto-Negotiation verifies
that the highest performance protocol is selected (that is, priority resolution) based on the advertised abilities of
the Link Partner and the local device.
7.4.3.2 Master and Slave Resolution
If 1000BASE-T mode is selected during the priority resolution, the second goal of Auto-Negotiation is to resolve
Master or Slave configuration. The Master mode priority is given to the device that supports multiport nodes,
such as switches and repeaters. Single node devices such as DTE or NIC card takes lower Master mode priority.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com