Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 32 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 28Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 29Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 30Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 31Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 32Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 33Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 34Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 35Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
7.4.3.3 Pause and Asymmetrical Pause Resolution
When Full-Duplex operation is selected during priority resolution, the Auto-Negotiation also determines the Flow
Control capabilities of the two link partners. Flow control was originally introduced to force a busy station’s Link
Partner to stop transmitting data in Full-Duplex operation. Unlike Half-Duplex mode of operation where a link
partner can be forced to back off by simply generating collisions, the Full-Duplex operation needed a mechanism
to slow down transmission from a link partner in the event that the receiving station’s buffers are becoming
full. A new MAC control layer was added to handle the generation and reception of Pause Frames. Each MAC
Controller has to advertise whether the controller is capable of processing Pause Frames. In addition, the MAC
Controller advertises if Pause frames can be handled in both directions, that is, receive and transmit. If the MAC
Controller only generates Pause frames but does not respond to Pause frames generated by a link partner,
the event is called Asymmetrical Pause. The advertisement of Pause and Asymmetrical Pause capabilities is
enabled by writing 1 to bits 10 and 11 of ANAR (register address 0x0004). The link partner’s Pause capabilities
is stored in ANLPAR (register address 0x0005) bits 10 and 11. The MAC Controller has to read from ANLPAR
to determine which Pause mode to operate. The PHY layer is not involved in Pause resolution other than simply
advertising and reporting of Pause capabilities.
7.4.3.4 Next Page Support
The DP83867 supports the Auto-Negotiation Next Page protocol as required by IEEE 802.3 clause 28.2.4.1.7.
The ANNPTR 0x07 allows for the configuration and transmission of the Next Page. Refer to clause 28 of the
IEEE 802.3 standard for detailed information regarding the Auto-Negotiation Next Page function.
7.4.3.5 Parallel Detection
The DP83867 supports the Parallel Detection function as defined in the IEEE 802.3 specification. Parallel
Detection requires the 10/100Mbps receivers to monitor the receive signal and report link status to the Auto-
Negotiation function. Auto-Negotiation uses this information to configure the correct technology in the event
that the Link Partner does not support Auto-Negotiation, yet is transmitting link signals that the 10BASE-Te or
100BASE-X PMA recognize as valid link signals.
If the DP83867 completes Auto-Negotiation as a result of Parallel Detection, without Next Page operation, bits 5
and 7 of ANLPAR (register address 0x0005) are set to reflect the mode of operation present in the Link Partner.
Note that bits 4:0 of the ANLPAR are also set to 00001 based on a successful parallel detection to indicate a
valid 802.3 selector field. Software can determine that the negotiation is completed through Parallel Detection
by reading 0 in bit 0 of ANER (register address 0x006) after Auto-Negotiation Complete, bit 5 of BMSR (register
address 0x0001), is set. If the PHY is configured for parallel detect mode and any condition other than a good
link occurs, the parallel detect fault, bit 4 of ANER (register address 0x06), sets.
7.4.3.6 Restart Auto-Negotiation
If a link is established by successful Auto-Negotiation and then lost, the Auto-Negotiation process resumes to
determine the configuration for the link. This function confirms that a link can be re-established if the cable
becomes disconnected and reconnected. After Auto-Negotiation is completed, the process can be restarted
at any time by writing 1 to bit 9 of the BMCR (register address 0x0000). A restart Auto-Negotiation request
from any entity, such as a management agent, causes DP83867 to halt data transmission or link pulse activity
until the break_link_timer expires. Consequently, the Link Partner goes into link fail mode and the resume
Auto-Negotiation. The DP83867 resumes Auto-Negotiation after the break_link_timer has expired by transmitting
FLP (Fast Link Pulse) bursts.
7.4.3.7 Enabling Auto-Negotiation Through Software
If Auto-Negotiation is disabled by MDIO access, and the user desires to restart Auto-Negotiation, this can be
accomplished by software access. Bit 12 of BMCR (register address 0x00) can be cleared and then set for
Auto-Negotiation operation to take place.
If Auto-Negotiation is disabled by strap option, Auto-Negotiation can not be reenabled.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com