Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 91 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 91 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 87Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 88Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 89Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 90Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 91Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 92Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 93Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 94Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 129 page
background image
7.6.75 Receive Pattern Register 10 (RXFPAT10)
Table 7-85. Receive Pattern Register 10 (RXFPAT10), Address 0x0145
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_18_19
0, RW
Bytes 18 + 19 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.76 Receive Pattern Register 11 (RXFPAT11)
Table 7-86. Receive Pattern Register 11 (RXFPAT11), Address 0x0146
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_20_21
0, RW
Bytes 20 + 21 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.77 Receive Pattern Register 12 (RXFPAT12)
Table 7-87. Receive Pattern Register 12 (RXFPAT12), Address 0x0147
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_22_23
0, RW
Bytes 22 + 23 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.78 Receive Pattern Register 13 (RXFPAT13)
Table 7-88. Receive Pattern Register 13 (RXFPAT13), Address 0x0148
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_24_25
0, RW
Bytes 24 + 25 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.79 Receive Pattern Register 14 (RXFPAT14)
Table 7-89. Receive Pattern Register 14 (RXFPAT14), Address 0x0149
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_26_27
0, RW
Bytes 26 + 27 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.80 Receive Pattern Register 15 (RXFPAT15)
Table 7-90. Receive Pattern Register 15 (RXFPAT15), address 0x014A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_28_29
0, RW
Bytes 28 + 29 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.81 Receive Pattern Register 16 (RXFPAT16)
Table 7-91. Receive Pattern Register 16 (RXFPAT16), Address 0x014B
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_30_31
0, RW
Bytes 30 + 31 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
7.6.82 Receive Pattern Register 17 (RXFPAT17)
Table 7-92. Receive Pattern Register 17 (RXFPAT17), Address 0x014C
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_32_33
0, RW
Bytes 32 + 33 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com