Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 89 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 89 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 85Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 86Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 87Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 88Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 89Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 90Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 91Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 92Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 129 page
background image
7.6.60 Pattern Match Data Register 1 (RXFPMD1)
Table 7-70. Pattern Match Data Register 1 (RXFPMD1), Address 0x0136
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PMATCH_DATA_15_0
0, RW
Bits 15:0 of Perfect Match Data - used for DA (destination address)
match
7.6.61 Pattern Match Data Register 2 (RXFPMD2)
Table 7-71. Pattern Match Data Register 2 (RXFPMD2), address 0x0137
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PMATCH_DATA_31_16
0, RW
Bits 31:16 of Perfect Match Data - used for DA (destination address)
match
7.6.62 Pattern Match Data Register 3 (RXFPMD3)
Table 7-72. Pattern Match Data Register 3 (RXFPMD3), address 0x0138
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PMATCH_DATA_ 47_32
0, RW
Bits 47:32 of Perfect Match Data - used for DA (destination address)
match
7.6.63 SecureOn Pass Register 2 (RXFSOP1)
Table 7-73. SecureOn Pass Register 1 (RXFSOP1), Address 0x0139
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
SCRON_PASSWORD _15_0
0, RW
Bits 15:0 of secure-on password for magic packet)
7.6.64 SecureOn Pass Register 2 (RXFSOP2)
Table 7-74. SecureOn Pass Register 2 (RXFSOP2), Address 0x013A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
SCRON_PASSWORD _31_16
0, RW
Bits 31:16 of secure-on password for magic packet
7.6.65 SecureOn Pass Register 3 (RXFSOP3)
Table 7-75. SecureOn Pass Register 3 (RXFSOP3), Address 0x013B
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
SCRON_PASSWORD _ 47_32
0, RW
Bits 47:32 of secure-on password for magic packet
7.6.66 Receive Pattern Register 1 (RXFPAT1)
Table 7-76. Receive Pattern Register 1 (RXFPAT1), Address 0x013C
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_0_1
0, RW
Bytes 0 (LSbyte) + 1 of the configured pattern. Each byte can
be masked separately through the RXF_PATTERN_BYTE_MASK
registers.
7.6.67 Receive Pattern Register 2 (RXFPAT2)
Table 7-77. Receive Pattern Register 2 (RXFPAT2), Address 0x013D
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PATTERN_BYTES_2_3
0, RW
Bytes 2 + 3 of the configured pattern. Each byte can be masked
separately through the RXF_PATTERN_BYTE_MASK registers.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com