Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 48 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 48 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 44Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 45Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 46Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 47Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 48Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 49Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 50Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 51Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 129 page
background image
Table 7-11. Basic Mode Status Register (BMSR), Address 0x0001 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
1
JABBER DETECT
0, RO/LH
Jabber Detect: This bit only has meaning in 10Mbps mode.
1 = Jabber condition detected.
0 = No Jabber.
This bit is implemented with a latching function, such that the
occurrence of a jabber condition causes the bit to set until the bit
is cleared by a read to this register by the management interface or
by a reset.
0
EXTENDED CAPABILITY
1, RO/P
Extended Capability:
1 = Extended register capabilities.
0 = Basic register set capabilities only.
7.6.3 PHY Identifier Register #1 (PHYIDR1)
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83867. The Identifier consists
of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number and the model
revision number. A PHY can return a value of zero in each of the 32 bits of the PHY Identifier if desired. The
PHY Identifier is intended to support network management. Texas Instruments' IEEE assigned OUI is 080028h.
Table 7-12. PHY Identifier Register #1 (PHYIDR1), Address 0x0002
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
OUI_MSB
0010 0000 0000
0000, RO/P
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080028h,) are
stored in bits 15 to 0 of this register. The most significant two bits of
the OUI are ignored (the IEEE standard refers to these as bits 1 and
2).
7.6.4 PHY Identifier Register #2 (PHYIDR2)
Table 7-13. PHY Identifier Register #2 (PHYIDR2), Address 0x0003
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
OUI_LSB
1010 00, RO/P
OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080028h) are mapped from bits 15 to 10 of
this register respectively.
9:4
VNDR_MDL
10 0011, RO/P
Vendor Model Number:
The six bits of vendor model number are mapped from bits 9 to 4
(most significant bit to bit 9).
3:0
MDL_REV
0001, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits
3 to 0 (most significant bit to bit 3). This field increments for all major
device changes.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com