Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 59 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 55Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 56Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 57Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 58Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 59Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 60Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 61Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 62Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 129 page
background image
7.6.15 PHY Status Register (PHYSTS)
This register provides a single location within the register set for quick access to commonly accessed
information.
Table 7-25. PHY Status Register (PHYSTS), Address 0x0011
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:14
SPEED SELECTION
0, RO
Speed Select Status:
These two bits indicate the speed of operation as determined by
Auto-Negotiation or as set by manual configuration.
11 = Reserved
10 = 1000Mbps
01 = 100Mbps
00 = 10Mbps
13
DUPLEX MODE
0, RO
Duplex Mode Status:
1 = Full Duplex
0 = Half Duplex.
12
PAGE RECEIVED
0, RO, LH, COR Page Received:
This bit is latched high and cleareds upon a read.
1 = Page received.
0 = No page received.
11
SPEED DUPLEX RESOLVED
0, RO
Speed Duplex Resolution Status:
1 = Auto-Negotiation has completed or is disabled.
0 = Auto-Negotiation is enabled and has not completed.
10
LINK_STATUS
0, RO
Link Status:
1 = Link is up.
0 = Link is down.
9
MDI_X_MODE_CD
0, RO
MDI/MDIX Resolution Status for C and D Line Driver Pairs:
1 = Resolved as MDIX
0 = Resolved as MDI.
8
MDI_X_MODE_AB
0, RO
MDI/MDIX Resolution Status for A and B Line Driver Pairs:
1 = Resolved as MDIX
0 = Resolved as MDI.
7
SPEED_OPT_STATUS
0, RO
Speed Optimization Status:
1 = Auto-Negotiation is currently being performed with Speed
Optimization masking 1000BaseT abilities (Valid only during Auto-
Negotiation).
0 = Auto-Negotiation is currently being performed without Speed
Optimization.
6
SLEEP_MODE
0, RO
Sleep Mode Status:
1 = Device currently in sleep mode.
0 = Device currently in active mode.
5:2
WIRE_CROSS
0, RO
Crossed Wire Indication:
Indicates channel polarity in 1000BASE-T linked status. Bits [5:2]
correspond to channels [D,C,B,A], respectively.
1 = Channel polarity is reversed.
0 = Channel polarity is normal.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com