Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 77 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 77 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 73Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 74Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 75Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 76Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 77Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 78Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 79Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 80Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 129 page
background image
Table 7-42. RGMII Control Register (RGMIICTL), Address 0x0032 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
1
RGMII_TX_CLK_DELAY
1, RW
RGMII Transmit Clock Delay:
1 = RGMII transmit clock is shifted relative to transmit data.
0 = RGMII transmit clock is aligned to transmit data.
0
RGMII_RX_CLK_DELAY
1, RW
RGMII Receive Clock Delay:
1 = RGMII receive clock is shifted relative to receive data.
0 = RGMII receive clock is aligned to receive data.
7.6.33 RGMII Control Register 2 (RGMIICTL2)
Table 7-43. RGMII Control Register 2 (RGMIICTL2), Address 0x0033
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:5
RESERVED
0, RO
RESERVED
4
RGMII_AF_BYPASS_EN
0, RW
RGMII Async FIFO Bypass Enable:
1 = Enable RGMII Async FIFO Bypass.
0 = Normal operation.
3
RGMII_AF_BYPASS_DLY_EN
0, RW
RGMII Async FIFO Bypass Delay Enable:
1 = Delay RX_CLK when operating in 10/100 with RGMII.
0 = Normal operation.
2
LOW_LATENCY_10_100_EN
0, RW
Low Latency 10/100 Enable:
1 = Enable low latency in 10/100 operation.
0 = Normal operation.
1:0
RESERVED
0, RO
RESERVED
7.6.34 SGMII Auto-Negotiation Status (SGMII_ANEG_STS)
Table 7-44. SGMII Auto-Negotiation Status (SGMII_ANEG_STS)), address 0x0037
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:2
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
1
SGMII_PAGE_RX
0, RO
SGMII Page Received:
1 = SGMII page has been received.
0 = SGMII page has not been received.
0
SGMII_AUTONEG_COMPLETE
0, RO
SGMII Auto-Negotiation Complete:
1 = SGMII Auto-Negotiation process complete.
0 = SGMII Auto-Negotiation process not complete.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com