Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 61 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 61 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 57Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 58Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 59Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 60Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 61Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 62Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 63Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 64Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 129 page
background image
7.6.16 MII Interrupt Control Register (MICR)
This register implements the Interrupt PHY Specific Control register. The individual interrupt events must be
enabled by setting bits in the MII Interrupt Control Register (MICR). If the corresponding enable bit in the register
is set, an interrupt is generated if the event occurs.
Table 7-26. MII Interrupt Control Register (MICR), Address 0x0012
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
AUTONEG_ERR_INT_EN
0, RW
Enable Auto-Negotiation Error Interrupt:
1 = Enable Auto-Negotiation Error interrupt.
0 = Disable Auto-Negotiation Error interrupt.
14
SPEED_CHNG_INT_EN
0, RW
Enable Speed Change Interrupt:
1 = Enable Speed Change interrupt.
0 = Disable Speed Change interrupt.
13
DUPLEX_MODE_CHNG_INT_E
N
0, RW
Enable Duplex Mode Change Interrupt:
1 = Enable Duplex Mode Change interrupt.
0 = Disable Duplex Mode Change interrupt.
12
PAGE_RECEIVED_INT_EN
0, RW
Enable Page Received Interrupt:
1 = Enable Page Received Interrupt.
0 = Disable Page Received Interrupt.
11
AUTONEG_COMP_INT_EN
0, RW
Enable Auto-Negotiation Complete Interrupt:
1 = Enable Auto-Negotiation Complete Interrupt.
0 = Disable Auto-Negotiation Complete Interrupt.
10
LINK_STATUS_CHNG_INT_EN
0, RW
Enable Link Status Change Interrupt:
1 = Enable Link Status Change interrupt.
0 = Disable Link Status Change interrupt.
9
RESERVED
0, RO
RESERVED
8
FALSE_CARRIER_INT_EN
0, RW
Enable False Carrier Interrupt:
1 = Enable False Carrier interrupt.
0 = Disable False Carrier interrupt.
7
RESERVED
0, RO
RESERVED
6
MDI_CROSSOVER_CHNG_INT_
EN
0, RW
Enable MDI Crossover Change Interrupt:
1 = Enable MDI Crossover Change interrupt.
0 = Disable MDI Crossover Change interrupt.
5
SPEED_OPT_EVENT_INT_EN
0, RW
Enable Speed Optimization Event Interrupt:
1 = Enable Speed Optimization Event Interrupt.
0 = Disable Speed Optimization Event Interrupt.
4
SLEEP_MODE_CHNG_INT_EN
0, RW
Enable Sleep Mode Change Interrupt:
1 = Enable Sleep Mode Change Interrupt.
0 = Disable Sleep Mode Change Interrupt.
3
WOL_INT_EN
0, RW
Enable Wake-on-LAN Interrupt:
1 = Enable Wake-on-LAN Interrupt.
0 = Disable Wake-on-LAN Interrupt.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com