Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 42 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 42 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 38Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 39Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 40Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 41Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 42Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 43Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 44Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 45Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 129 page
background image
7.5.3 LED Operation From 1.8V I/O VDD Supply
Operation of LEDs from a 1.8V supply results in dim LED lighting. For best results, the recommendation is
to operate from a higher supply (2.5V or 3.3V). Refer to Figure 7-12 for a possible implementation of this
functionality.
10 NŸ
200 Ÿ
GND
Mode 2
2.5V or 3.3V
2.49 NŸ
GND
1.8V
Figure 7-12. LED Operation From 1.8V I/O VDD Supply
7.5.4 PHY Address Configuration
The DP83867 can be set to respond to any of 16 possible PHY addresses through strap pins. The information is
latched into the device at a device power up or hardware reset. Each DP83867 or port sharing an MDIO bus in a
system must have a unique physical address. The DP83867 supports PHY address strapping values 0 (<0000>)
through 15 (<1111>).
For further detail relating to the latch-in timing requirements of the PHY Address pins, as well as the other
hardware configuration pins, refer to Section 7.5.5.
Based on the default strap configuration of PHY_ADD[3:0], the DP83867 PHY address initializes to 0x00 without
any external strap configuration.
Refer to Figure 7-13 for an example of a PHY address connection to external components. In this example, the
pins are configured as follows: RX_D2 = Strap Mode 3 and RX_D0 = Strap Mode 2. Therefore, the PHY address
strapping results in address 1001 (09h).
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com