Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 25Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 26Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 27Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 28Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 29Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 30Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 31Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 32Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 129 page
background image
7.4.2.1 Extended Address Space Access
The DP83867's SMI function supports read or write access to the extended register set using registers REGCR
(0x0D) and ADDAR (0x0E) and the MDIO Manageable Device (MMD) indirect method defined in IEEE 802.3ah
Draft for clause 22 for accessing the clause 45 extended register set.
The standard register set, MDIO registers 0 to 31, is accessed using the normal direct-MDIO access or the
indirect method, except for register REGCR (0x0D) and ADDAR (0x0E), which is accessed only using the
normal MDIO transaction. The SMI function ignores indirect accesses to these registers.
REGCR (0x0D) is the MDIO Manageable MMD access control. In general, register REGCR(4:0) is the device
address DEVAD that directs any accesses of ADDAR (0x0E) register to the appropriate MMD.
The PHY’S supports one MMD device address. The vendor-specific device address DEVAD[4:0] = 11111 is used
for general MMD register accesses.
All accesses through registers REGCR and ADDAR must use the correct DEVAD. Transactions with other
DEVAD are ignored. REGCR[15:14] holds the access function: address (00), data with no post increment (01),
data with post increment on read and writes (10) and data with post increment on writes only (11).
Table 7-3. REGCR DEVAD Functions
REGCR[15:14]
Function
00
Accesses to register ADDAR modify the extended register ‘set address’ register. This address register must always
be initialized to access any of the registers within the extended register set.
01
Accesses to register ADDAR access the register within the extended register set selected by the value in the
address register.
10
Access to register ADDAR access the register within the extended register set selected by the value in the address
register. After that access is complete, for both reads and writes, the value in the address register is incremented.
11
Access to register ADDAR access the register within the extended register set selected by the value in the address
register. After that access is complete, for write accesses only, the value in the address register is incremented. For
read accesses, the value of the address register remains unchanged.
The following sections describe how to perform operations on the extended register set using register REGCR
and ADDAR. The descriptions use the device address for general MMD register accesses (DEVAD[4:0] = 11111).
7.4.2.1.1 Write Address Operation
1. Write the value 0x001F (address function field = 00, DEVAD = 31) to register REGCR.
2. Write the desired register address to register ADDAR.
Subsequent writes to register ADDAR (step 2) continue to write the address register.
7.4.2.1.2 Read Address Operation
To read the address register:
1. Write the value 0x001F (address function field = 00, DEVAD = 31) to register REGCR.
2. Read the register address from register ADDAR.
7.4.2.1.3 Write (No Post Increment) Operation
To write a register in the extened register set:
Instruction
Example: Set reg 0x0170 = 0C50
1. Write the value 0x001F (address function field = 00, DEVAD = 31)
to register REGCR (0x0D).
Write register 0x0D to value 0x001F
2. Write the desired register address to register ADDAR (0x0E).
Write register 0x0E to value 0x0170
3. Write the value 0x401F (data, no post increment function field =
01, DEVAD = 31) to register REGCR.
Write register 0x0D to value 0x401F
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com