Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 81 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 81 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 77Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 78Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 79Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 80Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 81Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 82Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 83Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 84Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 129 page
background image
7.6.39 Strap Configuration Status Register 2 (STRAP_STS2)
Table 7-49. Strap Configuration Status Register 2 (STRAP_STS2), Address 0x006F
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:11
RESERVED
0, RO
RESERVED
10
STRAP_ FLD
Strap, RO
Fast Link Drop (FLD) Enable Strap:
1 = FLD strapped to enable.
0 = FLD strapped to disable.
10
RESERVED
0, RO
RESERVED
9
RESERVED
0, RO
RESERVED
8
RESERVED
0, RO
RESERVED
7
RESERVED
0, RO
RESERVED
6:4
STRAP_RGMII_CLK_SKEW_TX
(RGZ)
Strap, RO
RGMII Transmit Clock Skew Strap:
RGMII_TX_DELAY_CTRL[2:0] values from straps.
See RGMII Transmit Clock Skew Details table for more information.
6:4
STRAP_RGMII_CLK_SKEW_TX Strap, RO
RGMII Transmit Clock Skew Strap:
RGMII_TX_DELAY_CTRL[2:0] values from straps.
See RGMII Transmit Clock Skew Details table for more information.
3
RESERVED
0, RO
RESERVED
2:0
STRAP_RGMII_CLK_SKEW_RX Strap, RO
RGMII Receive Clock Skew Strap:
RGMII_RX_DELAY_CTRL[2:0] values from straps.
See Table 7-8 for more information.
7.6.40 BIST Control and Status Register 1 (BICSR1)
Table 7-50. BIST Control and Status Register 1 (BICSR1), Address 0x0071
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PRBS_BYTE_CNT
0x0000, RO
Holds the number of total bytes received by the PRBS checker.
Value in this register is locked when write is done to register BICSR2
bit[0] or bit[1].
The count stops at 0xFFFF when PRBS_COUNT_MODE in BISCR
register (0x0016) is set to 0.
7.6.41 BIST Control and Status Register 2 (BICSR2)
Table 7-51. BIST Control and Status Register 2 (BICSR2), Address 0x0072
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:11
Reserved
0x00, RO
Ignored on Read
10
PRBS_PKT_CNT_OVF
0, RO
PRBS Checker Packet Count Overflow
If set, PRBS Packet counter has reached overflow. Overflow is
cleared when PRBS counters are cleared by setting bit #1 of this
register.
9
PRBS_BYTE_CNT_OVF
0, RO
PRBS Byte Count Overflow
If set, PRBS Byte counter has reached overflow. Overflow is cleared
when PRBS counters are cleared by setting bit #1 of this register.
8
Reserved
0,RO
Ignore on Read
7:0
PRBS_ERR_CNT
0x00, RO
Holds number of error bytes that are received by PRBS checker.
Value in this register is locked when write is done to bit[0] or bit[1]
When PRBS Count Mode set to zero, count stops on 0xFF (see
register 0x0016)
Notes: Writing bit 0 generates a lock signal for the PRBS counters.
Writing bit 1 generates a lock and clear signal for the PRBS counters
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com