Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 55 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 55 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 51Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 52Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 53Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 54Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 55Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 56Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 57Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 58Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 129 page
background image
7.6.10 1000BASE-T Configuration Register (CFG1)
Table 7-19. Configuration Register 1 (CFG1), Address 0x0009
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
TEST MODE
000, RW
Test Mode Select:
111 = Test Mode 7 - Repetitive {Pulse, 63 zeros}
110 = Test Mode 6 - Repetitive 0001 sequence
101 = Test Mode 5 - Scrambled MLT3 Idles
100 = Test Mode 4 - Transmit Distortion Test
011 = Test Mode 3 - Transmit Jitter Test (Slave Mode)
010 = Test Mode 2 - Transmit Jitter Test (Master Mode)
001 = Test Mode 1 - Transmit Waveform Test
000 = Normal Mode
12
MASTER / SLAVE MANUAL
CONFIGURATION
0, RW
Enable Manual Master / Slave Configuration:
1 = Enable Manual Master/Slave Configuration control.
0 = Disable Manual Master/Slave Configuration control.
Using the manual configuration feature can prevent the PHY from
establishing link in 1000Base-T mode if a conflict with the link
partner’s setting exists.
11
MASTER / SLAVE
CONFIGURATION VALUE
0, RW
Manual Master / Slave Configuration Value:
1 = Set PHY as MASTER when register 09h bit 12 = 1.
0 = Set PHY as SLAVE when register 09h bit 12 = 1.
Using the manual configuration feature can prevent the PHY from
establishing link in 1000Base-T mode if a conflict with the link
partner’s setting exists.
10
PORT TYPE
0, RW
Advertise Device Type: Multi or single port:
1 = Multi-port device.
0 = Single-port device.
9
1000BASE-T FULL DUPLEX
RGZ: 1, RW
Advertise 1000BASE-T Full Duplex Capable:
1 = Advertise 1000Base-T Full Duplex ability.
0 = Do not advertise 1000Base-T Full Duplex ability.
PAP: Strap, RW
8
1000BASE-T HALF DUPLEX
1, RW
Advertise 1000BASE-T Half Duplex Capable:
1 = Advertise 1000Base-T Half Duplex ability.
0 = Do not advertise 1000Base-T Half Duplex ability.
7
TDR AUTO RUN
0, RW
Automatic TDR on Link Down:
1 = Enable execution of TDR procedure after link down event.
0 = Disable automatic execution of TDR.
6:0
RESERVED
000 0000, RO
RESERVED: Write ignored, read as 0.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com