Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 44 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 40Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 41Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 42Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 43Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 44Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 45Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 46Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 47Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
7.5.5.1 Hardware Reset
A hardware reset is accomplished by applying a low pulse, with a duration of at least 1μs, to the RESET_N pin.
This resets the device such that all registers are reinitialized to default values and the hardware configuration
values are re-latched into the device (similar to the power up or reset operation).
7.5.5.2 IEEE Software Reset
An IEEE registers software reset is accomplished by setting the reset bit (bit 15) of the BMCR register (address
0x0000). This bit resets the IEEE-defined standard registers.
7.5.5.3 Global Software Reset
A global software reset is accomplished by setting bit 15 of register CTRL (address 0x001F) to 1. This bit resets
all the internal circuits in the PHY including IEEE-defined registers and all the extended registers. The global
software reset resets the device such that all registers are reset to default values and the hardware configuration
values are maintained.
7.5.5.4 Global Software Restart
A global software restart is accomplished by setting bit 14 of register CTRL (0x001F) to 1. This action resets all
the PHY circuits except the registers in the Register File.
7.5.5.5 PCS Restart
A PCS reset is accomplished by setting bit 15 of register MMD3_PCS_CTRL (MMD3 register 0x0000). Setting
this bit resets the MMD3 register. This bit subsequently cause a soft reset through the BMCR RESET bit (bit 15
of register address 0x0000).
7.5.6 Power-Saving Modes
DP83867 supports 4 power saving modes. The details are provided below.
7.5.6.1 IEEE Power Down
The PHY is powered down but access to the PHY through MDIO-MDC pins is retained. This mode can be
activated by asserting external PWDN pin or by setting bit 11 of BMCR (Register 0x00).
The PHY can be taken out of this mode by a power cycle, software reset, or by clearing the bit 11 in BMCR
register. However, the external PWDN pin can be deasserted. If the PWDN pin is kept asserted then the PHY
remains in power down.
7.5.6.2 Deep Power-Down Mode
This same as IEEE power down but the XI pad is also turned off. This mode can be activated by asserting the
external PWDN pin or by setting bit 11 of BMCR (Register 0x00). Before activating this mode, the configuration
is required to set bit 7 for PHYCR (Register 0x10).
The PHY can be taken out of this mode by a power cycle, software reset or by clearing the bit 11 in BMCR
register. However, the external PWDN pin can be de-asserted. If the PWDN pin is kept asserted then the PHY
remains in power down.
7.5.6.3 Active Sleep
In this mode, all the digital and analog blocks are powered down. The PHY is automatically powered up when a
link partner is detected. This mode is useful for saving power when the link partner is down or inactive, but PHY
cannot be powered down. In Active Sleep mode, the PHY still routinely sends NLP to the link partner. This mode
can be active by writing binary 10 to bits [9:8] for PHYCR (Register 0x10).
7.5.6.4 Passive Sleep
This is just like Active sleep except the PHY does not send NLP. This mode can be activated by writing binary 11
to bits [9:8] PHYCR (Register 0x10).
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com