Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 82 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 82 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 78Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 79Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 80Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 81Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 82Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 83Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 84Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 85Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 129 page
background image
7.6.42 BIST Control and Status Register 3 (BICSR3)
Table 7-52. BIST Control and Status Register 3 (BICSR3), Address 0x007B
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
PKT_LEN_PRBS
0x05DC, RW
Length of the generated BIST packets. The value of this register
defines the size (in bytes) of every packet that is generated by the
BIST. Default value is 0x05DC, which is equal to 1500 bytes.
Each packet is appended with 13 nibbles of 0x5 and then 0xD5
(SFD).
7.6.43 BIST Control and Status Register 4 (BICSR4)
Table 7-53. BIST Control and Status Register 4 (BICSR4), Address 0x007C
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0x00, RO
RESERVED
7:0
IPG_LEN
0x7D, RW
Inter Packet Gap (IPG) Length defines the size of the gap (in bytes)
between any 2 successive packets generated by the BIST. Default
value is 0x7D (equal to 500 bytes). An increment in this fields value
corresponds to an addition of 4 bytes to the IPG Length.
7.6.44 Configuration for Receiver's Equalizer (CRE)
Table 7-54. Configuration for Receiver's Equalizer (CRE), Address 0x008A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
CONFIG_REC_EQ
0x0000, RW
Configuration for receiver's equalizer. Value 0x010F can further
improve the immunity margins during EMC testing.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
82
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com