Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 36 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 32Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 33Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 34Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 35Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 36Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 37Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 38Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 39Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 129 page
background image
• Link fails or is dropped by setting bit 7 of register 0x0009 (CFG1). The results of the TDR run after the link
fails are saved in the TDR registers.
Software reads these registers at any time to apply post processing on the TDR results. This mode is designed
for cases when the link dropped due to cable disconnections; after link failure, for instance, the line is quiet to
allow a proper function of the TDR.
7.4.6.2 Energy Detect
The energy-detector module provides signal-strength indication in various scenarios. Because the detection is
based on an IIR filter, this robust energy detector has excellent reaction time and reliability. The filter output
is compared to predefined thresholds to decide the presence or absence of an incoming signal. The energy
detector also implements hysteresis to avoid jittering in signal-detect indication. Additionally, the PHY has
fully-programmable thresholds and listening-time periods, enabling shortening of the reaction time if required.
7.4.6.3 Fast Link Detect
Several advanced modes are available for fast link establishment. Unlike the Auto-Negotiation and Auto-MDIX
mechanisms defined by the IEEE 802.3 specification, these modes are specific to the DP83867. Take care when
implementing these modes. For best operation, TI recommends implementing these modes with a DP83867 on
both ends of the link.
These advanced link and crossover modes depend on the speed selected for the link. Some modes are intended
for use in 1000Base-T operation. Others are intended for use in 100Base-TX operation.
Fast Link Detect functionality can be configured using the Configuration Register 3 (CFG3), address 0x001E.
7.4.6.4 Speed Optimization
Speed optimization, also known as link downshift, enables fallback to 100M operation after multiple consecutive
failed attempts at Gigabit link establishment. Such a case can occur if cabling with only four wires (two twisted
pairs) are connected instead of the standard cabling with eight wires (four twisted pairs).
The number of failed link attempts before falling back to 100M operation is configurable. By default, four failed
link attempts are required before falling back to 100M.
In enhanced mode, fallback to 100M can occur after one failed link attempt if energy is not detected on the C
and D channels. Speed optimization also supports fallback to 10M if link establishment fails in Gigabit and in
100M mode.
Speed optimization can be enabled through register configuration.
7.4.6.5 Mirror Mode
In some multiport applications, RJ-45 ports can be mirrored relative to one another. This mirroring can require
crossing board traces. The DP83867 can resolve this issue by implementing mirroring of the ports inside the
device.
In 10/100 operation, the mapping of the port mirroring is:
MDI MODE
MIRROR PORT CONFIGURATION
MDI
A → D
B → C
MDIX
A → D
B → C
In Gigabit operation, the mapping of the port mirroring is:
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com