Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 34 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 30Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 31Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 32Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 33Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 34Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 35Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 36Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 37Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
Table 7-4. Loopback Availability (continued)
LOOPBACK
MODE
MAC INTERFACE
1000M
100M
10M
AVAILABILIT
Y
LINK
STATUS
AVAILABILIT
Y
LINK
STATUS
AVAILABILIT
Y
LINK STATUS
Analog
RGMII
Yes
Yes
Yes
Yes
Yes
Yes
External
RGMII
No
No
Yes
Yes
Yes
Yes
MII
SGMII
Yes
No
Yes
No
No
No
Digital
SGMII
Yes
Yes
Yes
Yes
No
No
IO
SGMII
Yes
Yes
Yes
Yes
No
No
7.4.4.1 Near-End Loopback
Near-end loopback provides the ability to loop the transmitted data back to the receiver through the digital or
analog circuitry. The point at which the signal is looped back is selected using loopback control bits with several
options being provided.
When configuring loopback modes, the Loopback Configuration Register (LOOPCR), address 0x00FE, can be
set to 0xE720.
To maintain the desired operating mode, Auto-Negotiation can be disabled before selecting the Near-End
Loopback mode. This constraint does not apply for external-loopback mode.
Auto-MDIX can be disabled before selecting the Near-End Loopback mode. MDI or MDIX configuration can be
manually configured.
7.4.4.1.1 MII Loopback
MII Loopback is the shallowest loop through the PHY. The configuration is a useful test mode to validate
communications between the MAC and the PHY. While in MII Loopback mode the data is looped back, and can
also be configured through register to transmit onto the media.
7.4.4.1.2 PCS Loopback
PCS Loopback occurs in the PCS layer of the PHY. No signal processing is performed when using PCS
Loopback.
7.4.4.1.3 Digital Loopback
Digital Loopback includes the entire digital transmit – receive path. Data is looped back prior to the analog
circuitry.
7.4.4.1.4 Analog Loopback
Analog Loopback includes the entire analog transmit-receive path.
7.4.4.2 External Loopback
When operating in 10BASE-Te or 100Base-T mode, signals can be looped back at the RJ-45 connector by
wiring the transmit pins to the receive pins. Due to the nature of the signaling in 1000Base-T mode, this type
of external loopback is not supported. Analog loopback provides a way to loop data back in the analog circuitry
when operating in 1000Base-T mode. For proper operation in Analog Loopback mode, attach 100Ω terminations
to the RJ45 connector.
7.4.4.3 Far-End (Reverse) Loopback
Far-end (Reverse) Loopback is a special test mode to allow testing the PHY from the link-partner side. In this
mode, data that is received from the link partner passes through the PHY's receiver, is looped back at the MAC
interface and is transmitted back to the link partner. While in Reverse Loopback mode, all data signals that come
from the MAC are ignored. Through register configuration, data can also be transmitted onto the MAC Interface.
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com