Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 99 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 99 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 95Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 96Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 97Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 98Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 99Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 100Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 101Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 102Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 129 page
background image
Table 7-124. TDR Peak Locations Register 8 (TDR_PEAKS_LOC_8), Address 0x0197 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
7:0
TDR_PEAKS_LOC_C_4
0, RO
Location of the fifth peak discovered by the TDR mechanism on
channel C. The value of these bits is translated into distance from
the PHY.
7.6.115 TDR Peak Locations Register 9 (TDR_PEAKS_LOC_9)
Table 7-125. TDR Peak Locations Register 9 (TDR_PEAKS_LOC_9), Address 0x0198
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_D_2
0, RO
Location of the third peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into distance from
the PHY.
7:0
TDR_PEAKS_LOC_D_1
0, RO
Location of the second peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into distance from
the PHY.
7.6.116 TDR Peak Locations Register 10 (TDR_PEAKS_LOC_10)
Table 7-126. TDR Peak Locations Register 10 (TDR_PEAKS_LOC_10), Address 0x0199
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
TDR_PEAKS_LOC_D_4
0, RO
Location of the fifth peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into distance from
the PHY.
7:0
TDR_PEAKS_LOC_D_3
0, RO
Location of the fourth peak discovered by the TDR mechanism on
channel D. The value of these bits is translated into distance from
the PHY.
7.6.117 TDR Peak Amplitudes Register 1 (TDR_PEAKS_AMP_1)
Table 7-127. TDR Peak Amplitudes Register 1 (TDR_PEAKS_AMP_1), Address 0x019A
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED
14:8
TDR_PEAKS_AMP_A_1
0, RO
Amplitude of the second peak discovered by the TDR mechanism on
channel A. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_A_0
0, RO
Amplitude of the first peak discovered by the TDR mechanism on
channel A. The value of these bits is translated into type of cable
fault and-or interference.
7.6.118 TDR Peak Amplitudes Register 2 (TDR_PEAKS_AMP_2)
Table 7-128. TDR Peak Amplitudes Register 2 (TDR_PEAKS_AMP_2), Address 0x019B
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED
14:8
TDR_PEAKS_AMP_A_3
0, RO
Amplitude of the fourth peak discovered by the TDR mechanism on
channel A. The value of these bits is translated into type of cable
fault and-or interference.
7
RESERVED
0, RO
RESERVED
6:0
TDR_PEAKS_AMP_A_2
0, RO
Amplitude of the third peak discovered by the TDR mechanism on
channel A. The value of these bits is translated into type of cable
fault and-or interference.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com