Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 71 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 71 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 67Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 68Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 69Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 70Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 71Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 72Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 73Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 74Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
Table 7-34. LED Configuration Register 3 (LEDCR3), Address 0x001A (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
1:0
LEDS_BLINK_RATE
10, RW
LED Blink Rate:
11: 2Hz (500ms)
10: 5Hz (200ms)
01: 10Hz (100ms)
00 = 20Hz (50ms)
7.6.25 Configuration Register 3 (CFG3)
Table 7-35. Configuration Register 3 (CFG3), Address 0x001E
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
Fast Link-Up in Parallel Detect
0, RW
Fast Link-Up in Parallel Detect Mode:
1 = Enable Fast Link-Up time During Parallel Detection
0 = Normal Parallel Detection link establishment
In Fast Auto MDI-X this bit is automatically set.
14
Fast AN Enable
0, RW
Fast Auto-Negotiation Enable:
1 = Enable Fast Auto-Negotiation mode – The PHY auto-negotiates
using Timer setting according to Fast AN Sel bits
0 = Disable Fast Auto-Negotiation mode – The PHY auto-negotiates
using normal Timer setting
Adjusting these bits reduces the time the PHY takes to Auto-
negotiate between two PHYs. Note: When using this option care
must be taken to maintain proper operation of the system. While
shortening these timer intervals can not cause problems in normal
operation, there are certain situations where this can lead to
problems.
13:12
Fast AN Sel
0, RW
Fast Auto-Negotiation Select bits:
Fast AN
Select
Break
Link
Timer(ms)
Link Fall
Inhibit
Timer(ms)
Auto-Neg
Wait
Timer(ms)
<00>
80
50
35
<01>
120
75
50
<10>
240
150
100
<11>
NA
NA
NA
Adjusting these bits reduces the time the PHY takes to auto-
negotiate between two PHYs. In Fast AN mode, both PHYs can
be configured to the same configuration. These 2 bits define the
duration for each state of the Auto-Negotiation process according to
the table above. The new duration time must be enabled by setting
Fast AN En - bit 4 of this register. Note: Using this mode in cases
where both link partners are not configured to the same Fast Auto-
Negotiation configuration can produce scenarios with unexpected
behavior.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com