Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 107 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 107 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 103Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 104Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 105Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 106Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 107Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 108Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 109Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 110Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
8.2.1.2 Clock In (XI) Recommendation
If an external clock source is used, XO can be left floating. For a 1.8V clock source, XI can be tied to the clock
source. For a 3.3V or 2.5V clock source, a capacitor divider is recommended as shown in Figure 8-3. For a 3.3V
clock source, the CD1 and CD2 capacitors used are recommended to be 27pF. If a 2.5V clock source is used
check with the vendor for recommended capacitor loads. The values of CD1 and CD2 shall be adjusted to meet
XI Input pin specification defined in Section 6.5.
XI
XO
CD1
CD2
3.3V or 2.5V
Clock Source
Figure 8-3. Clock Divider
The CMOS 25MHz oscillator specifications are listed in Table 8-2. Additionally, the maximum oscillator phase
noise tolerated by the PHY is shown in Figure 8-4
Table 8-2. 25MHz Oscillator Specifications
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Frequency
25
MHz
Frequency Tolerance
Operational Temperature
±50
ppm
Frequency Stability
1 year aging
±50
ppm
Rise / Fall Time
20% - 80%
5
ns
Symmetry
Duty Cycle
40%
60%
Jitter RMS
Integration Band: 12kHz to 5MHz
11
ps
Frequency Offset (Hz)
10
100
1000
10000
100000
1000000
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
D001
Figure 8-4. 25MHz Oscillator Phase Noise
8.2.1.3 Crystal Recommendations
A 25MHz, parallel, 18pF load crystal resonator can be used if a crystal source is desired. Figure 8-5 shows a
typical connection for a crystal resonator circuit. The load capacitor values vary with the crystal vendors; check
with the vendor for the recommended loads.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com