Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83867CSRGZR.B Datasheet(PDF) 126 Page - Texas Instruments

Part # DP83867CSRGZR.B
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZR.B Datasheet(HTML) 126 Page - Texas Instruments

Back Button DP83867CSRGZR.B Datasheet HTML 121Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 122Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 123Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 124Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 125Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 126Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 127Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 128Page - Texas Instruments DP83867CSRGZR.B Datasheet HTML 129Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 126 / 129 page
background image
www.ti.com
PACKAGE OUTLINE
C
48X
0.30
0.18
4.1 0.1
48X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
44X 0.5
2X
5.5
2X 5.5
B
7.15
6.85
A
7.15
6.85
VQFN - 1 mm max height
RGZ0048B
PLASTIC QUAD FLATPACK - NO LEAD
4218795/B 02/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
12
25
36
13
24
48
37
(OPTIONAL)
PIN 1 ID
0.1
C B A
0.05
EXPOSED
THERMAL PAD
49
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com