Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 41Page - STMicroelectronics L99DZ80EP Datasheet HTML 42Page - STMicroelectronics L99DZ80EP Datasheet HTML 43Page - STMicroelectronics L99DZ80EP Datasheet HTML 44Page - STMicroelectronics L99DZ80EP Datasheet HTML 45Page - STMicroelectronics L99DZ80EP Datasheet HTML 46Page - STMicroelectronics L99DZ80EP Datasheet HTML 47Page - STMicroelectronics L99DZ80EP Datasheet HTML 48Page - STMicroelectronics L99DZ80EP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
DocID18260 Rev 6
45/68
L99DZ80EP
Functional description of the SPI
67
4
Functional description of the SPI
4.1
General description
The SPI complies with Standard ST-SPI Interface Version 3.1.
Its communication is based on a Serial Peripheral Interface structure using CSN (Chip
Select Not), DI (Serial Data In), DO (Serial Data Out/Error) and CLK (Serial Clock) signal
lines.
4.1.1
Chip Select Not (CSN)
The CSN input pin is used to select the serial interface of this device. When CSN is high, the
output pin (DO) is in high impedance state. A low signal wakes up the device and a serial
communication can be started. The state when CSN is going low until the rising edge of
CSN is called a communication frame.
4.1.2
Serial Data In (DI)
The DI input pin is used to transfer data serially into the device. The data applied to the DI is
sampled at the rising edge of the CLK signal. A stuck-at ‘0’ or ‘1’ enters the standby mode.
4.1.3
Serial Clock (CLK)
The CLK input signal provides the timing of the serial interface. The Data Input (DI) is
latched at the rising edge of Serial Clock CLK. The SPI can be driven by a micro controller
with its SPI peripheral running in following mode: CPOL = 0 and CPHA = 0. Data on Serial
Data Out (DO) is shifted out at the falling edge of the serial clock (CLK). The serial clock
CLK must be active only during a frame (CSN low). Any other switching of CLK close to any
CSN edge could generate set up/hold violations in the SPI logic of the device. The clock
monitor counts the number of clock pulses during a communication frame (while CSN is
low). If the number of CLK pulses does not correspond to the frame width indicated in the
<SPI-frame-ID> (ROM address 03H) the frame is ignored and the <frame error> bit in the
<Global Status Byte> is set.
Note:
Due to this safety functionality, daisy chaining the SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.
4.1.4
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and goes from high
impedance to a low or high level depending on the global status bit 7 (Global Error Flag).
The content of the selected status or control register is transferred into the data out shift
register after the address bits have been transmitted. Each subsequent falling edge of the
CLK shifts the next bit out.
4.1.5
SPI communication flow
At the beginning of each communication the master can read the contents of the
<SPIframe-ID> register (ROM address 03H) of the slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com