Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 28Page - STMicroelectronics L99DZ80EP Datasheet HTML 29Page - STMicroelectronics L99DZ80EP Datasheet HTML 30Page - STMicroelectronics L99DZ80EP Datasheet HTML 31Page - STMicroelectronics L99DZ80EP Datasheet HTML 32Page - STMicroelectronics L99DZ80EP Datasheet HTML 33Page - STMicroelectronics L99DZ80EP Datasheet HTML 34Page - STMicroelectronics L99DZ80EP Datasheet HTML 35Page - STMicroelectronics L99DZ80EP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Application information
L99DZ80EP
32/68
DocID18260 Rev 6
3
Application information
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the power drivers and the Power-MOS gate drivers.
For supplying the high-side drivers for the power- and gate-driver outputs, an internal
charge-pump is used. The SPI interface and the logic circuitry is supplied by VCC.
Due to the independent VCC supply the control and status information are not lost, if there
are spikes or glitches on the power supply voltage.
3.2
Wake up and Active mode/standby mode
After power up of VS and VCC the device operates in standby-mode. Pulling the signal CSN
to low level wakes the device up and the analog part is activated (active mode). After at
least 10 µs, the first SPI communication is valid and the EN-bit can be used to set the EN-
mode.
The device can be set into active mode writing a ‘1’ into the EN-register. If the EN-register is
not set to ‘1’, the device goes back to standby mode typical 256 µs after the rising edge of
CSN and all latched data are cleared. In standby mode the current at VS (VCC) is less than
6 µA (5 µA) for CSN = high (DO in 3-state). It is recommended to switch all outputs off
before entering standby mode.
3.3
Charge pump
The charge pump uses two external capacitors, which are switched with a frequency of
typically 125 kHz. The output of the charge pump has a current limitation. In standby mode
and after a thermal shutdown has been triggered the charge pump is disabled. If the charge
pump output voltage remains too low for longer than TCP, the power-MOS outputs, the EC-
control are switched off and the H-Bridge gate drivers are switched to resistive low. The
CP_LOW bit has to be cleared through a software reset to reactivate the drivers.
3.4
Diagnostic functions
All diagnostic functions (overcurrent, open-load, power supply overvoltage /undervoltage,
temperature warning and thermal shutdown) are internally filtered. The condition has to be
valid for at least the associated filter time before the corresponding status bit in the status
registers is set. The filters are used to improve the noise immunity of the device. The open-
load and temperature warning functions are intended for information purpose and do not
change the state of the output drivers. On contrary, the overcurrent condition disables the
corresponding driver and thermal shutdown disables all drivers. Without setting the
overcurrent recovery bits in the input data register, the microcontroller has to clear the
overcurrent status bits to reactivate the corresponding drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com