Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 13Page - STMicroelectronics L99DZ80EP Datasheet HTML 14Page - STMicroelectronics L99DZ80EP Datasheet HTML 15Page - STMicroelectronics L99DZ80EP Datasheet HTML 16Page - STMicroelectronics L99DZ80EP Datasheet HTML 17Page - STMicroelectronics L99DZ80EP Datasheet HTML 18Page - STMicroelectronics L99DZ80EP Datasheet HTML 19Page - STMicroelectronics L99DZ80EP Datasheet HTML 20Page - STMicroelectronics L99DZ80EP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
DocID18260 Rev 6
17/68
L99DZ80EP
Electrical specifications
67
2.6
Outputs OUT1 - OUT11, ECV, ECFD
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V
 V
S  18 V, 4.75 V  VCC  5.5 V; all outputs open;
Tj = -40 °C to 150 °C, unless otherwise specified.
ICP
Charge pump output
current(1)
VCP =VS +10V;
VS =13.5V;
C1 =C2 =CCP = 100 nF
25
47
mA
ICPlim
Charge pump output
current limitation(2)
VCP =VS; VS =13.5V;
C1 =C2 =CCP = 100 nF
29
70
mA
VCP_low
Charge pump low
threshold voltage
VS +4.6
VS +5
VS +5.4
V
TCP
Charge pump low filter
time
64
µs
1.
ICP is the minimum current the device can provide to an external circuit without VCP going below VS +10V
2.
ICPlim is the maximum current, which flows out of the device in case of a short to VS
Table 11. Charge pump (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12. On-resistance
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
rON OUT1,6
On-resistance to supply or
GND
VS =13.5 V; Tamb =+25 °C;
IOUT1,6 =±1.5 A
300
400
m
VS =13.5 V; Tamb = +125 °C;
IOUT1,6 =±1.5 A
450
600
m
rON OUT2,3
On-resistance to supply or
GND
VS =13.5 V; Tamb =+25 °C;
IOUT2,3 =±0.4 A
1600 2200 m
VS =13.5 V; Tamb = +125 °C;
IOUT2,3 =±0.4 A
2500 3400 m
rON OUT4,5
On-resistance to supply or
GND
VS =13.5 V; Tamb =+25 °C;
IOUT4,5 =±3.0 A
150
200
m
VS =13.5 V; Tamb = +125 °C;
IOUT4,5 =±3.0 A
225
300
m
rON OUT7
On-resistance to supply in
low resistance mode
VS =13.5 V; Tamb =+25 °C;
IOUT7 =-0.8 A
500
700
m
VS =13.5 V; Tamb = +125 °C;
IOUT7 =-0.8 A
700
950
m
On-resistance to supply in
high resistance mode
VS =13.5 V; Tamb =+25 °C;
IOUT7 =-0.2 A
1600 2400 m
VS =13.5 V; Tamb = +125 °C;
IOUT7 =-0.2 A
2500 3400 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com