Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 48Page - STMicroelectronics L99DZ80EP Datasheet HTML 49Page - STMicroelectronics L99DZ80EP Datasheet HTML 50Page - STMicroelectronics L99DZ80EP Datasheet HTML 51Page - STMicroelectronics L99DZ80EP Datasheet HTML 52Page - STMicroelectronics L99DZ80EP Datasheet HTML 53Page - STMicroelectronics L99DZ80EP Datasheet HTML 54Page - STMicroelectronics L99DZ80EP Datasheet HTML 55Page - STMicroelectronics L99DZ80EP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
SPI - control and status registers
L99DZ80EP
52/68
DocID18260 Rev 6
5.4
Control Register 3
Table 36. Control Register 3
Bit
Name
Access
Reset
Content
15
OUT7_OCR
Read/write
0
Setting this bit to high enables the overcurrent recovery mode
for the corresponding output.
14
OUT8_OCR
Read/write
0
13
OUT9_OCR
Read/write
0
12
OUT10_OCR
Read/write
0
11
OUT11_OCR
Read/write
0
10
OUT7_PWM1
Read/write
0
Setting this bit to ‘1’ enables the PWM mode for the
corresponding output.
9
OUT8_PWM2
Read/write
0
8
OUT9_PWM3
Read/write
0
7
OUT10_PWM4
Read/write
0
6
OUT11_PWM4
Read/write
0
5
OCR_FREQ
Read/write
0
This bit defines the overcurrent recovery frequency (0: 1.7kHz
(typ.) 1: 3kHz (typ.))
4
OV_UV_RD
Read/write
0
If this bit is set, the associated status bit has to be cleared after
an overvoltage /undervoltage event to enable the output drivers
again.
3
CM_SEL<3>
Read/write
0
A current image of the selected binary coded output is
multiplexed to the CM output. If a corresponding output does not
exist, the current monitor is deactivated (especially ‘0000’).
2
CM_SEL<2>
Read/write
0
1
CM_SEL<1>
Read/write
0
0
CM_SEL<0>
Read/write
0
CM_SEL<3:0>
Selected output
0000
3-state
0001
OUT<1>
0010
OUT<2>
0011
OUT<3>
0100
OUT<4>
0101
OUT<5>
0110
OUT<6>
0111
OUT<7>
1000
OUT<8>
1001
OUT<9>
1010
OUT<10>
1011
OUT<11>
1100
Reserved
1101-1111
3-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com