Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 8Page - STMicroelectronics L99DZ80EP Datasheet HTML 9Page - STMicroelectronics L99DZ80EP Datasheet HTML 10Page - STMicroelectronics L99DZ80EP Datasheet HTML 11Page - STMicroelectronics L99DZ80EP Datasheet HTML 12Page - STMicroelectronics L99DZ80EP Datasheet HTML 13Page - STMicroelectronics L99DZ80EP Datasheet HTML 14Page - STMicroelectronics L99DZ80EP Datasheet HTML 15Page - STMicroelectronics L99DZ80EP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Electrical specifications
L99DZ80EP
12/68
DocID18260 Rev 6
2.2
ESD protection
2.3
Thermal data
Table 4. ESD protection
Parameter
Value
Unit
All pins
±2(1)
1.
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A.
kV
Power output pins: OUT1 – OUT11, ECV, ECFD
±4(1)
kV
Table 5. Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C
Table 6. Temperature warning and thermal shutdown
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TjTW ON
Temperature warning threshold
(junction temperature)
130
150
°C
TjTS ON
Thermal shutdown threshold
(junction temperature)
150
170
°C
Tjtft
Thermal warning / shutdown
filter time
32
µs
Table 7. Package thermal impedance
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction to ambient (max)
See Figure 5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com