Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 38Page - STMicroelectronics L99DZ80EP Datasheet HTML 39Page - STMicroelectronics L99DZ80EP Datasheet HTML 40Page - STMicroelectronics L99DZ80EP Datasheet HTML 41Page - STMicroelectronics L99DZ80EP Datasheet HTML 42Page - STMicroelectronics L99DZ80EP Datasheet HTML 43Page - STMicroelectronics L99DZ80EP Datasheet HTML 44Page - STMicroelectronics L99DZ80EP Datasheet HTML 45Page - STMicroelectronics L99DZ80EP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Application information
L99DZ80EP
42/68
DocID18260 Rev 6
3.21
Controller of electrochromic glass
The voltage of an electrochromic element connected at pin ECV can be controlled to a
target value, which is set by the bits EC<5:0>. Setting bit ECON enables this function. An
on-chip differential amplifier and an external MOS source follower, with its gate connected to
pin ECDR, and which drives the electrochrome mirror voltage at pin ECV, form the control
loop. The drain of the external MOS transistor is supplied by OUT10. A diode from pin ECV
(anode) to pin ECDR (cathode) has been placed on the chip to protect the external MOS
source follower. A capacitor of at least 5 nF has to be added to pin ECDR for loop-stability.
The target voltage is binary coded with a full-scale range of 1.5 V. If Bit EC_HV s set to '0',
the maximum controller output voltage is clamped to 1.2 V without changing the resolution
of bits EC<5:0>.
When programming the ECVLS driver to on-state, the voltage at pin ECV is pulled to ground
by a 1.6
 low-side switch until the voltage at pin ECV is less than dV
ECVhi higher than the
target voltage (fast discharge). The status of the voltage control loop is reported via SPI. Bit
ECV_VHI is set, if the voltage at pin ECV is higher, whereas Bit ECV_VNR in the same
status register is set, if the voltage at pin ECV is lower than the target value. Both status bits
are valid, if they are stable for at least the ECVHI/ECVNR – filter time and are not latched.
Since OUT10 is the output of a high-side driver, it contains the same diagnose functions as
the other high-side drivers (e.g. during an overcurrent detection, the control loop is switched
off). In electrochrome mode, OUT10 cannot be controlled by PWM mode. For EMS reasons,
the loop capacitor at pin ECDR as well as the capacitor between ECV and GND have to be
placed to the respective pins as close as possible (see Figure 20 for details).
Table 27. Cross-current protection time
COPT<3>
COPT<2>
COPT<1>
COPT<0>
Min
Typ
Max
unit
0
0
0
0
150
250
360
ns
0
0
0
1
390
500
670
ns
0
0
1
0
590
750
980
ns
0
0
1
1
800
1000
1280
ns
0
1
0
0
1000
1250
1600
ns
0
1
0
1
1210
1500
1910
ns
0
1
1
0
1420
1750
2220
ns
0
1
1
1
1630
2000
2540
ns
1
0
0
0
1830
2250
2850
ns
1
0
0
1
2050
2500
3120
ns
1
0
1
0
2250
2750
3450
ns
1
0
1
1
2460
3000
3760
ns
1
1
0
0
2660
3250
4100
ns
1
1
0
1
2880
3500
4370
ns
1
1
1
0
3080
3750
4680
ns
1
1
1
1
3200
4000
5000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com