Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 24Page - STMicroelectronics L99DZ80EP Datasheet HTML 25Page - STMicroelectronics L99DZ80EP Datasheet HTML 26Page - STMicroelectronics L99DZ80EP Datasheet HTML 27Page - STMicroelectronics L99DZ80EP Datasheet HTML 28Page - STMicroelectronics L99DZ80EP Datasheet HTML 29Page - STMicroelectronics L99DZ80EP Datasheet HTML 30Page - STMicroelectronics L99DZ80EP Datasheet HTML 31Page - STMicroelectronics L99DZ80EP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Electrical specifications
L99DZ80EP
28/68
DocID18260 Rev 6
For definition of the parameters please see Figure 9, Figure 10 and Figure 11.
Table 22. AC-Characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
COUT
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Output capacitance
(DO)
——
10
pF
CIN
(1)
Input capacitance (DI,
CSN, CLK, DIR, PWMH)
——
10
pF
Table 23. Dynamic characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
tCSNQVL
DO enable from 3-state to
low level
CDO = 100 pF; IDO =1 mA;
pull-up load to VCC; VS =13.5 V;
VCC =5V
100
250
ns
tCSNQVH
DO enable from 3-state to
high level
CDO = 100pF; IDO =-1mA;
pull-down load to GND;
VS = 13.5 V; VCC =5V
100
250
ns
tCSNQTL
DO disable from low level to
3-state
CDO = 100pF; IDO =4mA;
pull-up load to VCC; VS =13.5 V;
VCC =5V
380
450
ns
tCSNQTH
DO disable from high level to
3-state
CDO = 100 pF; IDO =-4 mA;
pull-down load to GND;
VS = 13.5 V; VCC =5V
380
450
ns
tCLKQV
CLK falling until DO valid
VDO <0.3 * VCC or
VDO >0.7 * VCC; CDO =100 pF;
VS = 13.5 V; VCC =5V
50
250
ns
tSCSN
CSN setup time, CSN low
before rising edge of CLK
VS = 13.5 V; VCC = 5 V
400
ns
tSDI
DI setup time, DI stable
before rising edge of CLK
VS = 13.5 V; VCC = 5 V
200
ns
TCLK
Clock Period
VS = 13.5 V; VCC =5V
1000
ns
tHCLK
minimum CLK high time
VS = 13.5 V; VCC =5V
115
ns
tLCLK
minimum CLK low time
VS = 13.5 V; VCC =5V
115
ns
tHCSN
minimum CSN high time
VS = 13.5 V; VCC =5V
4
µs
tSCLK
CLK setup time before CSN
rising
VS = 13.5 V; VCC = 5 V
400
ns
tr DO
DO rise time
CDO = 100 pF; VS =13.5V;
VCC =5V
80
140
ns
tf DO
DO fall time
CDO = 100 pF; VS =13.5V;
VCC =5V
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com