Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 5Page - STMicroelectronics L99DZ80EP Datasheet HTML 6Page - STMicroelectronics L99DZ80EP Datasheet HTML 7Page - STMicroelectronics L99DZ80EP Datasheet HTML 8Page - STMicroelectronics L99DZ80EP Datasheet HTML 9Page - STMicroelectronics L99DZ80EP Datasheet HTML 10Page - STMicroelectronics L99DZ80EP Datasheet HTML 11Page - STMicroelectronics L99DZ80EP Datasheet HTML 12Page - STMicroelectronics L99DZ80EP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
DocID18260 Rev 6
9/68
L99DZ80EP
Block diagram and pin description
67
39
VCC
Supply Voltage: 5 V supply. A ceramic capacitor as close as possible to
GND is recommended.
44
OUT9
High-side-driver output 9: the output is built by a high side switch and is
intended for resistive loads; hence the internal reverse diode from GND
to the output is missing. For ESD reason a diode to GND is present but
the energy which can be dissipated is limited. The high-side driver is a
power DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is over current and open load
protected.
42
PWMH
PWMH input: this input signal can be used to control the H-Bridge Gate
drivers
43
ECDR
ECDR: using the device in EC control mode this pin is used to control the
Gate of an external MOSFET.
62, 63
OUT7
High side driver output 8: see OUT9
Important: This output can be configured to supply a bulb with low on-
resistance or a LED with higher on-resistance in a different application.
61
OUT8
47
OUT10/EC
High-side-driver-output 10: see OUT9
Important: Beside the OUT10-HS on/off bit this output can be switched on
setting the ECON bit for electrochrome control mode with higher priority.
54
ECFD
ECFD: using the device in EC control mode this pin is used as “virtual
GND” for the EC-glass. For EC-glasses, that require a negative discharge
voltage, this supplies the fast discharge voltage. If no EC-glass is used,
this pin must be connected to ground.
53
ECV
ECV: using the device in EC control mode this pin is used as voltage
monitor input. For fast discharge an additional low-side-switch is
implemented.
13
GH2
GH2: gate driver for power MOS high side switch in half-bridge 2
14
SH2
SH2: source of high-side switch in half-bridge 2
15
GL2
GL2: gate driver for power MOS low side switch in half-bridge 2
16
SL2
SL2: source of low side switch in half-bridge 2
64
GH1
GH1: gate driver for power MOS high side switch in half-bridge 1
1
SH1
SH1: source of high-side switch in half-bridge 1
4
GL1
GL1: gate driver for power MOS low side switch in half-bridge 1
5
SL1
SL1: source of low side switch in half-bridge 1
7
CP1P
CP1P: charge pump pin for capacitor 1, positive side
8
CP1M
CP1M: charge pump pin for capacitor 1, negative side
9
CP2P
CP2P: charge pump pin for capacitor 2, positive side
10
CP2M
CP2M: charge pump pin for capacitor 2, negative side
6
CP
CP: charge pump output
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com