Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 16Page - STMicroelectronics L99DZ80EP Datasheet HTML 17Page - STMicroelectronics L99DZ80EP Datasheet HTML 18Page - STMicroelectronics L99DZ80EP Datasheet HTML 19Page - STMicroelectronics L99DZ80EP Datasheet HTML 20Page - STMicroelectronics L99DZ80EP Datasheet HTML 21Page - STMicroelectronics L99DZ80EP Datasheet HTML 22Page - STMicroelectronics L99DZ80EP Datasheet HTML 23Page - STMicroelectronics L99DZ80EP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Electrical specifications
L99DZ80EP
20/68
DocID18260 Rev 6
|IOC7|
Overcurrent threshold to supply
in low on-resistance mode
VS =13.5V;
VCC =5 V;
source
1.5
2.5
A
Overcurrent threshold to supply
in high on-resistance mode
0.35
0.65
A
|IOC8|
Overcurrent threshold to supply
in low on-resistance mode
0.7
1.3
A
Overcurrent threshold to supply
in high on-resistance mode
0.35
0.65
A
|IOC9|,
|IOC10|
Overcurrent threshold to supply
0.5
1.0
A
|IOC11|5
7.5
A
|IOCECV|
Output current limitation to GND
VS =13.5V;
VCC =5 V;
sink
0.5
1.0
A
tFOC
Filter time of overcurrent signal
Duration of
overcurrent condition
to set the status bit
10
55
100
µs
frec0
Recovery frequency for OC;
recovery frequency bit = 0
1
4
kHz
frec1
Recovery frequency for OC;
recovery frequency bit = 1
2
6
kHz
|IOLD1|,
|IOLD6|
Undercurrent threshold to supply
or GND
VS =13.5V;
VCC =5 V;
sink and source
830
80
mA
|IOLD2|,
|IOLD3|,
|IOLDECFD|
10
20
30
mA
|IOLD4|,
|IOLD5|
60
150
300
mA
|IOLD7|
Undercurrent threshold to supply
in low on-resistance mode
VS =13.5V;
VCC =5 V;
source
15
40
60
mA
Undercurrent threshold to supply
in high on-resistance mode
510
15
mA
|IOLD8|
Undercurrent threshold to supply
in low on-resistance mode
10
30
45
mA
Undercurrent threshold to supply
in high on-resistance mode
510
15
mA
|IOLD9|,
|IOLD10|
Undercurrent threshold to supply
10
20
30
mA
|IOLD11|
30
150
300
mA
Table 14. Current monitoring (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com