Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 33Page - STMicroelectronics L99DZ80EP Datasheet HTML 34Page - STMicroelectronics L99DZ80EP Datasheet HTML 35Page - STMicroelectronics L99DZ80EP Datasheet HTML 36Page - STMicroelectronics L99DZ80EP Datasheet HTML 37Page - STMicroelectronics L99DZ80EP Datasheet HTML 38Page - STMicroelectronics L99DZ80EP Datasheet HTML 39Page - STMicroelectronics L99DZ80EP Datasheet HTML 40Page - STMicroelectronics L99DZ80EP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
DocID18260 Rev 6
37/68
L99DZ80EP
Application information
67
3.16
H-bridge driver slew-rate control
The rising and falling slope of the drivers for the external high-side Power-MOS can be slew
rate controlled. If this mode is enabled the gate of the external high-side Power-MOS is
driven by a current source instead of a low-impedance output driver switch as long as the
drain-source voltage over this Power-MOS is below the switch threshold. The current is
programmed using the bits SLEW<4:0>, which represent a binary number. This number is
multiplied by the minimum current step. This minimum current step is the maximum source-
/sink-current (IGHxrmax / IGHxfmax) divided by 31. Programming SLEW<4:0> to 0 disables the
slew rate control and the output is driven by the low-impedance output driver switch.
10
1
1
1
X
X
0
0
0
0
0
H
L
L
H
Bridge H1/L2 on
11
X
0
110
0
0
0
0
0
H
L
H
L
Slow-decay mode HS1 and HS2
on
12
0
0
1
1
1
0
0
0
0
0
L
L
H
L
Slow-decay mode HS2 on
13
1
0
1
1
1
0
0
0
0
0
H
L
L
L
Slow-decay mode HS1 on
1.
Only the half-bridge (low and high-side), in which one MOSFET is in short circuit condition is switched off. Both MOSFETs
of the other half-bridge remain active and driven by DIR and PWMH
Table 25. H-bridge control truth table (continued)
N°
Control pins Control bits
Failure bits
Output pin
Comment
DIR PWMH HEN SD SDS CP_LOW OV UV DS TSD GH1 GL1 GH2 GL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com