Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 4Page - STMicroelectronics L99DZ80EP Datasheet HTML 5Page - STMicroelectronics L99DZ80EP Datasheet HTML 6Page - STMicroelectronics L99DZ80EP Datasheet HTML 7Page - STMicroelectronics L99DZ80EP Datasheet HTML 8Page - STMicroelectronics L99DZ80EP Datasheet HTML 9Page - STMicroelectronics L99DZ80EP Datasheet HTML 10Page - STMicroelectronics L99DZ80EP Datasheet HTML 11Page - STMicroelectronics L99DZ80EP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Block diagram and pin description
L99DZ80EP
8/68
DocID18260 Rev 6
Table 2. Pin definitions and functions
Pin
Symbol
Function
57, 58
GND1
Ground: reference potential. GND1 and GND2 are internally connected.
GND1 supplies OUT1-3, GND2 supplies OUT4-6
Important: For the capability of driving the full current at the outputs, all
pins of GND must be externally connected!
17, 18,
26, 31, 32
GND2
17
SGND
Signal Ground: this pin is shared with GND2 pin
2, 3, 45,
46, 51, 52
VS1
Power supply voltage for power stage outputs (external reverse
protection required): for this input a ceramic capacitor as close as
possible to GND is recommended. VS1 supplies OUT1-3, OUT7-11 and
the internal VS supply, VS2 supplies OUT4-6
Important: For the capability of driving the full current at the outputs all
pins of VS must be externally connected!
11, 12, 23,
36, 37
VS2
48, 49, 50
OUT11
High-side-driver output 11: the output is built by a high-side switch and is
intended for resistive loads, hence the internal reverse diode from GND
to the output is missing. For ESD reason a diode to GND is present but
the energy which can be dissipated is limited. The High-side driver is a
power DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is overcurrent and open load
protected.
Important: For the capability of driving the full current at the outputs all
pins of OUT11 must be externally connected!
59, 60
OUT1
Half-bridge outputs 1,2,3,4,5,6: the output is built by a high side and a low
side switch, which are internally connected. The output stage of both
switches is a power DMOS transistor. Each driver has an internal
parasitic reverse diode (bulk-drain-diode: high side driver from output to
VS, low side driver from GND to output). This output is over current and
open load protected.
56
OUT2
55
OUT3
19, 20,
21, 22
OUT4
27, 28,
29, 30
OUT5
24, 25
OUT6
40
DO
Serial data output: the diagnosis data is available via the SPI and this
3-state-output. The output remains in 3-state, if the chip is not selected by
the input CSN (CSN = high).
34
CM
Current monitor output: depending on the selected multiplexer bits of the
Control Register this output sources an image of the instant current
through the corresponding high side driver with a fixed ratio.
35
CSN
Chip-Select-Not input: this input is low active and requires CMOS logic
levels. The serial data transfer between the device and the micro
controller is enabled by pulling the input CSN to low level.
41
DI
Serial data input: the input requires CMOS logic levels and receives serial
data from the microcontroller. The data is a 24 bit control word and the
most significant bit (MSB, bit 23) is transferred first.
38
CLK
Serial clock input: this input controls the internal shift register of the SPI
and requires CMOS logic levels.
33
DIR
Direction Input: this input controls the H-Bridge Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com