Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 12Page - STMicroelectronics L99DZ80EP Datasheet HTML 13Page - STMicroelectronics L99DZ80EP Datasheet HTML 14Page - STMicroelectronics L99DZ80EP Datasheet HTML 15Page - STMicroelectronics L99DZ80EP Datasheet HTML 16Page - STMicroelectronics L99DZ80EP Datasheet HTML 17Page - STMicroelectronics L99DZ80EP Datasheet HTML 18Page - STMicroelectronics L99DZ80EP Datasheet HTML 19Page - STMicroelectronics L99DZ80EP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
Electrical specifications
L99DZ80EP
16/68
DocID18260 Rev 6
tvsovfilt
VS OV filter time
48
µs
VVCCRESHU
Upper VCC reset
threshold(2)
VCC increasing
5.8
7.5
V
VVCCRESHD Upper VCC reset threshold VCC decreasing
5.5
7.1
V
VVCCRES
hysth
Upper reset hysteresis
VVCCRESHU - VVCCRESHD
0.1
V
VPOROFF
Power-on-reset threshold
VCC increasing
3.4
4.4
V
VPORON
Power-on-reset threshold
VCC decreasing
3.1
4.1
V
VPOR hystL Power-on-reset hysteresis VPOROFFL - VPORONL
0.3
V
1.
VS
= 5V to 28V
2.
If VCC exceeds this value all registers are reset and the device enters standby mode.
Table 9. Overvoltage and undervoltage detection (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 10. Current monitor output (CM)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
0
VCC -1V
V
ICM r
Current monitor output ratio:
ICM/IOUT1,4,5,6,11 and 7 (low on-
resistance)
0V
 V
CM  VCC -1V
1/10000
ICM/IOUT8 (low on-resistance)
1/6500
ICM/IOUT2,3,7,8,9,10 and 7,8 (high on-
resistance)
1/2000
ICM acc
Current monitor accuracy
accICMOUT1,4,5,6,11 and 7(low on-res.)
0V
 V
CM  VCC -1V;
IOUTmin =500 mA;
IOUT4,5max =5.9 A;
IOUT11max =4.9 A;
IOUT1,6max =2.9 A;
IOUT7max =1.4 A
4% +
1%FS
(1)
8% +
2%FS
(1)
accICMOUT2,3,8,9,10 and 7(high on-res.)
0V
 V
CM  VCC -1V;
IOUT.min =100 mA;
IOUT2,3,9,10max =0.4A;
IOUT7max =0.3 A;
IOUT8(low rdson)max =0.6 A;
IOUT8(high rdson)max =0.3 A
tcmb
Current monitor blanking time
32
µs
1.
FS (full scale) = IOUTmax *ICMr
Table 11. Charge pump
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output
voltage
VS =6V; ICP =-10 mA
VS +6
VS +7 VS +7.85
V
VS  10 V; ICP =-15 mA
VS +11 VS +12 VS +13.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com