Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 60Page - STMicroelectronics L99DZ80EP Datasheet HTML 61Page - STMicroelectronics L99DZ80EP Datasheet HTML 62Page - STMicroelectronics L99DZ80EP Datasheet HTML 63Page - STMicroelectronics L99DZ80EP Datasheet HTML 64Page - STMicroelectronics L99DZ80EP Datasheet HTML 65Page - STMicroelectronics L99DZ80EP Datasheet HTML 66Page - STMicroelectronics L99DZ80EP Datasheet HTML 67Page - STMicroelectronics L99DZ80EP Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
DocID18260 Rev 6
65/68
L99DZ80EP
Revision history
67
7
Revision history
Table 46. Document revision history
Date
Revision
Change
20-Dec-2010
1
Initial release
10-Mar-2011
2
Updated Datasheet - production data list.
Updated following tables:
– Table 1: Device summary
– Table 2: Pin definitions and functions:
GH2, SH2, GL2, SL2: updated functions
– Table 7: Package thermal impedance
– Table 8: Supply:
IVCC(stby): set max value to TBD
– Table 13: Power outputs switching times:
td HL, td LH: updated parameter
– Table 31: ROM memory map:
updated content for address 01h
– Table 40: Configuration Register:
bit 5, 4, 3 and 1: updated contents
Updated following sections:
– Section 3.5: Overvoltage and undervoltage detection at VS
– Section 3.19: H-bridge monitoring in off-mode
– Section 3.20: Programmable cross current protection
Updated Figure 21: Electrochrome mirror driver with mirror referenced
to ECFD for negative discharge
Added Section 6.3: TQFP-64 packing information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com