Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 21Page - STMicroelectronics L99DZ80EP Datasheet HTML 22Page - STMicroelectronics L99DZ80EP Datasheet HTML 23Page - STMicroelectronics L99DZ80EP Datasheet HTML 24Page - STMicroelectronics L99DZ80EP Datasheet HTML 25Page - STMicroelectronics L99DZ80EP Datasheet HTML 26Page - STMicroelectronics L99DZ80EP Datasheet HTML 27Page - STMicroelectronics L99DZ80EP Datasheet HTML 28Page - STMicroelectronics L99DZ80EP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DocID18260 Rev 6
25/68
L99DZ80EP
Electrical specifications
67
2.8
Electrochrome mirror driver
Table 18. Open-load monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VODSL
Low-side drain-source monitor low
off-threshold voltage
VSLx =0V; VS = 13.5 V
0.14 * VS 0.18 * VS 0.21 * VS
V
VODSH
Low-side drain-source monitor
high off-threshold voltage
VSLx =0V; VS = 13.5 V
0.75 * VS 0.85 * VS 0.95 * VS
V
VOLSHx
Output voltage of selected SHx in
open-load test mode
VSLx =0V; VS =13.5V
0.5*VS
V
RpdOL
Pull-down resistance of the non-
selected SHx pin in open-load
mode
VSLx =0V; VS =13.5V;
VSHX =4.5 V
20
k
TOL
Open-load filter time
2
ms
Table 19. Electrochrome mirror driver
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCTRLmax
Maximum EC-control voltage
Bit0 = 1 control reg. 2(1)
1.4
1.6
V
Bit0 = 0 control reg. 2(1)
1.12
1.28
V
DNLECV
(2)
Differential non linearity
-1
1
LSB(3)
IdVECVI
Voltage deviation between
target and ECV
dVECV =Vtarget
(4) - V
ECV;
IIECDRI<1µA
-5 % -
1LSB(3)
+5 % +
1LSB(3)
mV
dVECVnr
Difference voltage
between target and
ECV sets flag if
VECV is
below it
dVECV =Vtarget
(4) - V
ECV;
toggle bitx = 1 status reg. x
120
mV
dVECVhi
above it
-120
mV
tFECVNR
ECVNR filter time
32
µs
tFECVHI
ECVHI filter time
32
µs
VECDRminHIGH
Output voltage range
IECDR = -10 µA
4.5
5.5
V
VECDRmaxLOW
IECDR =10µA
0
0.7
V
IECDR
Current into ECDR
Vtarget
(4) >V
ECV +500 mV;
VECDR =3.5 V
-100
-10
µA
Vtarget
(4) <V
ECV - 500 mV;
VECDR =1.0 V; Vtarget =0V;
VECV =0.5 V
10
100
µA
Recdrdis
Pull-down resistance at ECDR
in fast discharge mode and
while EC-mode is off
VECDR = 0.7 V; ECON = ‘1’;
EC<5:0>=0 or ECON =‘0’
10
k
DNLECFD
(2)
Differential Non Linearity
-1
1
LSB(3)
IdVECFDI
Voltage deviation between
target and ECFD
dVECFD =Vtarget
(4) -V
ECFD;
IECFD <TBD mA
-5 %-
1LSB(3)
+5 %+
1LSB(3)
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com