Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 44Page - STMicroelectronics L99DZ80EP Datasheet HTML 45Page - STMicroelectronics L99DZ80EP Datasheet HTML 46Page - STMicroelectronics L99DZ80EP Datasheet HTML 47Page - STMicroelectronics L99DZ80EP Datasheet HTML 48Page - STMicroelectronics L99DZ80EP Datasheet HTML 49Page - STMicroelectronics L99DZ80EP Datasheet HTML 50Page - STMicroelectronics L99DZ80EP Datasheet HTML 51Page - STMicroelectronics L99DZ80EP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Functional description of the SPI
L99DZ80EP
48/68
DocID18260 Rev 6
03h
Control Register 3
Read/write
High-side recovery mode, PWM setup and current-
monitor selection
04h
Control Register 4
Read/write
H-bridge driver control
05h
Control Register 5
Read/write
PWM register
06h
Control Register 6
Read/write
PWM register
10h
Status Register 0
Read/clear
Output bridge overcurrent and H-bridge drain-source
diagnosis
11h
Status Register 1
Read/clear
Output bridge and H-bridge open-load diagnosis
12h
Status Register 2
Read/clear
High-side overcurrent/open-load and electrochrome
diagnosis
13h
Status Register 3
Read/clear
VS and chargepump diagnosis
3Fh
Configuration Reg.
Read/write
Mask bits in global status register
Table 31. ROM memory map
Address
Name
Access
Content
00h
ID Header
Read only
4300h (ASSP ST_SPI)
01h
Version
Read only
0300h
02h
Product Code 1
Read only
5200h (82 ST_SPI)
03h
Product Code 2
Read only
4800h (H ST_SPI)
3Eh
SPI-Frame ID.
Read only
4200h SPI-Frame-ID (ST_SPI)
Table 30. RAM memory map (continued)
Address
Name
Access
Content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com