Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 49Page - STMicroelectronics L99DZ80EP Datasheet HTML 50Page - STMicroelectronics L99DZ80EP Datasheet HTML 51Page - STMicroelectronics L99DZ80EP Datasheet HTML 52Page - STMicroelectronics L99DZ80EP Datasheet HTML 53Page - STMicroelectronics L99DZ80EP Datasheet HTML 54Page - STMicroelectronics L99DZ80EP Datasheet HTML 55Page - STMicroelectronics L99DZ80EP Datasheet HTML 56Page - STMicroelectronics L99DZ80EP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
DocID18260 Rev 6
53/68
L99DZ80EP
SPI - control and status registers
67
5.5
Control Register 4
5.6
Control Register 5
Table 37. Control Register 4
Bit
Name
Access
Reset
Content
15
SLEW<4>
Read/write
0
Binary coded Slew Rate Current of the H-Bridge
14
SLEW<3>
Read/write
0
13
SLEW<2>
Read/write
0
12
SLEW<1>
Read/write
0
11
SLEW<0>
Read/write
0
10
H-OLTH
HIGH
Read/write
0
H-bridge OL high threshold (5/6 * VS) select
9
OL_H1L2
Read/write
0
Test open-load condition between H1 and L2
8
OL_H2L1
Read/write
0
Test open-load condition between H2 and L1
7
SD
Read/write
0
Slow decay
6
SDS
Read/write
0
Slow decay single
5
COPT<3>
Read/write
1
Cross-current protection time (default 4000ns)
4
COPT<2>
Read/write
1
3
COPT<1>
Read/write
1
2
COPT<0>
Read/write
1
1
DIAG<1>
Read/write
0
Drain-source monitoring threshold voltage
0
DIAG<0>
Read/write
0
Table 38. Control Register 5
Bit
Name
Access
Reset
Content
15
0
0
Reserved (must be set to ‘0’)
14
PWM2<6>
Read/write
0
Binary coded PWM2 on-duty-cycle
13
PWM2<5>
Read/write
0
12
PWM2<4>
Read/write
0
11
PWM2<3>
Read/write
0
10
PWM2<2>
Read/write
0
9
PWM2<1>
Read/write
0
8
PWM2<0>
Read/write
0
7
PWMFREQ
Read/write
0
PWM-frequency (0: 122 Hz or 1: 244 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com