Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 23Page - STMicroelectronics L99DZ80EP Datasheet HTML 24Page - STMicroelectronics L99DZ80EP Datasheet HTML 25Page - STMicroelectronics L99DZ80EP Datasheet HTML 26Page - STMicroelectronics L99DZ80EP Datasheet HTML 27Page - STMicroelectronics L99DZ80EP Datasheet HTML 28Page - STMicroelectronics L99DZ80EP Datasheet HTML 29Page - STMicroelectronics L99DZ80EP Datasheet HTML 30Page - STMicroelectronics L99DZ80EP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DocID18260 Rev 6
27/68
L99DZ80EP
Electrical specifications
67
2.9
SPI / logic – electrical characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6V
 V
S  18 V, 4.75 V  VCC  5.5 V; all outputs open;
Tj = -40 °C to 150 °C, unless otherwise specified.
Table 20. Delay time from Standby to Active mode
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
tset
Delay time
Switching time from standby to
active mode. Time until output
drivers are enabled after CSN
going to high and set bit 0 = 1 of
control register 0.
250
310
410
µs
twakup
Wake-up time
Switching from standby to active
mode. Time after the first falling
edge of CSN until the first
positive CLK edge, which latches
EN = 1 correctly into the device
—20
µs
tawake
Stay awake time
Switching from standby to active
mode. After the first rising edge
of CSN a second SPI frame with
EN = 1 is correctly recognized
—
256
µs
Table 21. Inputs: DI, CSN, CLK, DIR and PWMH
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Inputs: CSN, CLK, DI, DIR, PWMH
VIL
Input voltage low level
VS = 13.5 V; VCC =5.0 V
0.3 *VCC
V
VIH
Input voltage high level
VS = 13.5 V; VCC =5.0 V
0.7 *VCC
V
VIHYS
Input hysteresis
VS = 13.5 V; VCC =5.0 V
500
mV
RCSN in
CSN pull-up resistor
VS = 13.5 V; VCC =5.0 V;
0V
 V
CSN  0.7 * VCC
60
110
215
k
RCLK in
CLK pull-down resistor
VS = 13.5 V; VCC =5.0 V;
0.3 * VCC  VCLK  VCC
60
110
215
k
RDI in
DI pull-down resistor
VS = 13.5 V; VCC =5.0 V;
0.3 * VCC  VDI  VCC
60
110
215
k
RDIR
DIR pull-down resistor
VS = 13.5 V; VCC =5.0 V;
0.3 * VCC  VDIR  VCC
60
110
215
k
RPWMH
PWMH pull-down resistor
VS = 13.5 V; VCC =5.0 V;
0.3 * VCC  VPWMH  VCC
60
110
215
k
Output: DO
VOL
Output voltage low level
IOL =5mA; VS = 13.5 V;
VCC =5.0 V
0.3 * VCC
V
VOH
Output voltage high level
IOH =-5mA; VS = 13.5 V;
VCC =5.0 V
0.7 * VCC
V
IDOLK
3-state leakage current
VCSN =VCC; 0 < VDO <VCC
-10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com