Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 15Page - STMicroelectronics L99DZ80EP Datasheet HTML 16Page - STMicroelectronics L99DZ80EP Datasheet HTML 17Page - STMicroelectronics L99DZ80EP Datasheet HTML 18Page - STMicroelectronics L99DZ80EP Datasheet HTML 19Page - STMicroelectronics L99DZ80EP Datasheet HTML 20Page - STMicroelectronics L99DZ80EP Datasheet HTML 21Page - STMicroelectronics L99DZ80EP Datasheet HTML 22Page - STMicroelectronics L99DZ80EP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
DocID18260 Rev 6
19/68
L99DZ80EP
Electrical specifications
67
Table 13. Power outputs switching times
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
td ON H
Output delay time high side
driver on (all OUT except
OUT7,8)
VS = 13.5 V; VCC =5V;
corresponding low side
driver is not active(1)(2)(3)
1.
Rload = 16  at OUT1,6 and OUT7,8 in low on-resistance mode
2.
Rload = 4  at OUT4,5,11
3.
Rload = 64  at OUT2,3,4,9,10 ECV, ECFD and OUT7,8 in high on-resistance mode
10
40
80
µs
Output delay time high side
driver on (OUT7,8 in high RDSON
mode)
15
35
60
µs
Output delay time high side
driver on (OUT7,8 in low RDSON
mode)
10
35
80
µs
td OFF H
Output delay time high side
driver off (OUT1,4,5,6,11)
VS = 13.5 V;
VCC =5V
(1)(2)(3)
50
150
300
µs
Output delay time high side
driver off (OUT2,3, 7,8,9,10)
40
70
100
µs
td ON L
Output delay time low side driver
on
VS = 13.5 V; VCC =5V;
corresponding low side
driver is not active(1)(2)(3)
15
30
70
µs
td OFF L
Output delay time low side driver
(OUT1-6) off
VS = 13.5 V; VCC =5V
(1)(2)(3)
40
150
300
µs
Output delay time low side driver
(ECV, ECFD) off
VS = 13.5 V;
VCC =5V
(1)(2)(3)
15
45
88
µs
td HL
Cross current protection time
(OUT1-6)
tcc ONLS_OFFHS – tdOFF H
(4)
4.
tCC is the switch-on delay time if complement in half bridge has to switch off
40
200
400
µs
td LH
tcc ONHS_OFFLS – tdOFF L
(4)
dVOUT/dt
Slew rate of OUTx, ECV, ECFD
VS = 13.5 V;
VCC =5V
(1)(2)(3)
0.08
0.2
0.6
V/µ
s
fPWMx(low)
Low PWM switching frequency
VS = 13.5 V; VCC =5V
122
Hz
fPWMx(high) High PWM switching frequency
VS = 13.5 V; VCC =5V
244
Hz
Table 14. Current monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IOC1|,
|IOC6|
Overcurrent threshold to supply
or GND
VS =13.5V;
VCC = 5 V; sink and
source
35.3
A
|IOC2|,
|IOC3|,
|IOCECFD|
0.5
1.0
A
|IOC4|,
|IOC5|
69.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com