Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ80EP Datasheet(PDF) 66 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 60Page - STMicroelectronics L99DZ80EP Datasheet HTML 61Page - STMicroelectronics L99DZ80EP Datasheet HTML 62Page - STMicroelectronics L99DZ80EP Datasheet HTML 63Page - STMicroelectronics L99DZ80EP Datasheet HTML 64Page - STMicroelectronics L99DZ80EP Datasheet HTML 65Page - STMicroelectronics L99DZ80EP Datasheet HTML 66Page - STMicroelectronics L99DZ80EP Datasheet HTML 67Page - STMicroelectronics L99DZ80EP Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
Revision history
L99DZ80EP
66/68
DocID18260 Rev 6
06-Apr-2011
3
Table 8: Supply:
–IVCC(stby): changed TBD at 6 µA and updated VCC from 5.1 V t0
5.0 V; added test condition for VCC = 5.3 V
Table 9: Overvoltage and undervoltage detection:
–VVCCRESHU, VVCCRESHD: updated max value
–VVCCRES hysth: updated test condition
Table 12: On-resistance:
–IQLL: updated max value for OUT1-6 and typ, min, max for ECFD
Table 13: Power outputs switching times:
–td ON H: updated min value for all OUT except OUT7,8
–dVOUT/dt: updated min value
Table 15: Gate drivers for the external Power-MOS (H-bridge):
–IpdGSHx: removed row
–RGHx, RGLx: updated min, typ and max values
Table 18: Open-load monitoring:
–VODSL: added min and max values, updated typ value
–VODSH: added min and max values
Table 19: Electrochrome mirror driver:
– DNLECV, DNLECFD: added note
Table 20: Delay time from Standby to Active mode:
–tset: updated max value
Table 46. Document revision history (continued)
Date
Revision
Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com