Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 21Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 22Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 23Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 24Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 25Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 26Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 27Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 28Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 24 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 6-1. Clocking Subsystem
4-25 MHz
ECO
3-74 MHz
IMO
32 kHz ECO
1,33,100 kHz
ILO
s
k
e
w
7
7
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Digital Clock
Divider 16 bit
Analog Clock
Divider 16 bit
Bus Clock Divider
16 bit
48 MHz
Doubler for
USB
24-80 MHz
PLL
System
Clock Mux
External IO
or DSI
0-33 MHz
s
k
e
w
Analog Clock
Divider 16 bit
s
k
e
w
Analog Clock
Divider 16 bit
s
k
e
w
Analog Clock
Divider 16 bit
Bus
Clock
CPU
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com