Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 95Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 96Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 97Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 98Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 99Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 100Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 101Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 102Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 98 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.5.6 Comparator
Table 11-32. Comparator DC Specifications[58]
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage in fast mode
Factory trim, Vdda > 2.7 V,
Vin
≥ 0.5 V
–10
mV
Input offset voltage in slow mode
Factory trim, Vin
≥ 0.5 V
–
9
mV
VOS
Input offset voltage in fast mode[59] Custom trim
–
–
4
mV
Input offset voltage in slow mode[59] Custom trim
–
–
4
mV
VOS
Input offset voltage in ultra low
power mode
–±12
–
mV
TCVos
Temperature coefficient, input
offset voltage
VCM = VDDA / 2, fast mode
–
63
85
µV/°C
VCM = VDDA / 2, slow mode
–
15
20
VHYST
Hysteresis
Hysteresis enable mode
–
10
32
mV
VICM
Input common mode voltage
High current / fast mode
VSSA
–VDDA
V
Low current / slow mode
VSSA
–VDDA
V
Ultra low power mode
VSSA
–VDDA – 1.15
V
CMRR
Common mode rejection ratio
–
50
–
dB
ICMP
High current mode/fast mode
–
–
400
µA
Low current mode/slow mode
–
–
100
µA
Ultra low power mode
–
6
–
µA
Table 11-33. Comparator AC Specifications[58]
Parameter
Description
Conditions
Min
Typ
Max
Units
TRESP
Response time, high current
mode[59]
50 mV overdrive, measured
pin-to-pin
–
75
110
ns
Response time, low current
mode[59]
50 mV overdrive, measured
pin-to-pin
–
155
200
ns
Response time, ultra low power
mode[59]
50 mV overdrive, measured
pin-to-pin
–55
–
µs
Notes
58. The recommended procedure for using a custom trim value for the on-chip comparators can be found in the TRM.
59. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com