Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 75Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 76Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 77Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 78Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 74 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-8. TA range over VBAT and VOUT
Figure 11-9. IOUT range over VBAT and VOUT
Figure 11-10. LBOOST values over VBAT and VOUT
Table 11-7. Recommended External Components for Boost Circuit
Parameter
Description
Conditions
Min
Typ
Max
Units
LBOOST
Boost inductor
4.7 µH nominal
3.7
4.7
5.7
µH
10 µH nominal
8.0
10.0
12.0
µH
22 µH nominal
17.0
22.0
27.0
µH
CBOOST
Total capacitance sum of
VDDD, VDDA, VDDIO[32]
17.0
26.0
31.0
µF
CBAT
Battery filter capacitor
17.0
22.0
27.0
µF
IF
Schottky diode average
forward current
1.0
–
–
A
VR
Schottky reverse voltage
20.0
–
–
V









± ƒ&
 ±  µ&
 ±  &
 ±  ƒ&
 ±  ƒ&
1R %RRVW




9287 9

 P$
 P$
 P$
 P$
1R %RRVW
9287 9














 P$
9287 9
 —+
 —+
 —+
1R %RRVW
 —+
 —+
 —+














 —+
 —+
 —+
 —+
,287   P$  —+  —+
,287   P$  —+
Note
32. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com