Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 53Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 54Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 55Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 56Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 57Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 58Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 56 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 8-6. Analog Comparator
8.4.2 LUT
The CY8C58LP family of devices contains four LUTs. The LUT
is a two input, one output lookup table that is driven by any one
or two of the comparators in the chip. The output of any LUT is
routed to the digital system interface of the UDB array. From the
digital system interface of the UDB array, these signals can be
connected to UDBs, DMA controller, I/O, or the interrupt
controller.
The LUT control word written to a register sets the logic function
on the output. The available LUT functions and the associated
control word is shown in Table 8-2
.
ANAIF
+
_
+
+
_
comp2
_
comp0
comp1
+
_
comp3
4
LUT0
LUT1
LUT2
LUT3
4
4
4
4
4
4
4
From
Analog
Routing
From
Analog
Routing
From
Analog
Routing
From
Analog
Routing
UDBs
Table 8-2. LUT Function vs. Program Word and Inputs
Control Word
Output (A and B are LUT inputs)
0000b
FALSE (‘0’)
0001b
A AND B
0010b
A AND (NOT B)
0011b
A
0100b
(NOT A) AND B
0101b
B
0110b
A XOR B
0111b
A OR B
1000b
A NOR B
1001b
A XNOR B
1010b
NOT B
1011b
A OR (NOT B)
1100b
NOT A
1101b
(NOT A) OR B
1110b
A NAND B
1111b
TRUE (‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com